Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD19B Arkusz danych(PDF) 5 Page - BeRex Corporation

Numer części BD19B
Szczegółowy opis  Dual Band 2-Way SMT Power Divider
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BEREX [BeRex Corporation]
Strona internetowa  http://www.berex.com
Logo BEREX - BeRex Corporation

BD19B Arkusz danych(HTML) 5 Page - BeRex Corporation

  BD19B Datasheet HTML 1Page - BeRex Corporation BD19B Datasheet HTML 2Page - BeRex Corporation BD19B Datasheet HTML 3Page - BeRex Corporation BD19B Datasheet HTML 4Page - BeRex Corporation BD19B Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Suggested PCB Land Pattern and PAD Layout
PCB Land Pattern
PCB Mounting
0.018"(0.45)
0.047"(1.20)
0.076"(1.92)
0.157"(3.98)
0.198"(5.02)
0.030"(0.76)
0.040"(1.01)
RF Out1
RF Out2
Note : All dimension _ millimeters
PCB lay out _ on BeRex website
Tape & Reel
Packaging information:
SOIC8
SOIC8-Part orientation
Direction of feed
Tape Width (mm): 12
Reel Size (inches): 7
Device Cavity Pitch (mm): 8
Devices Per Reel: 1000
Lead plating finish
100% Tin Matte finish
(All BeRex products undergoes a 1 hour, 150 degree C, Anneal bake to eliminate thin
whisker growth concerns.)
MSL / ESD Rating
MSL Rating:
Standard:
Level 3 at +265°C convection reflow
JEDEC Standard J-STD-020
NATO CAGE code:
2
N
9
6
F
Dual Band 2-Way SMT Power Divider
BD19B
1700~2300MHz PCS, WCDMA & TD-SCDMA
BeRex
● website: www.berex.com
● email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex
Rev. C


Podobny numer części - BD19B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BeRex Corporation
BD19B BEREX-BD19B Datasheet
263Kb / 5P
   Dual Band 2-Way SMT Power Divider 1700~2300MHz PCS, WCDMA & TD-SCDMA
BD19B BEREX-BD19B Datasheet
828Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD19B BEREX-BD19B Datasheet
543Kb / 6P
   Dual Band 2-Way SMT Power Divider
BD19B BEREX-BD19B_14 Datasheet
828Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD19B BEREX-BD19B_18 Datasheet
543Kb / 6P
   Dual Band 2-Way SMT Power Divider
More results

Podobny opis - BD19B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BeRex Corporation
BD23B BEREX-BD23B_1 Datasheet
668Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD19B BEREX-BD19B_14 Datasheet
828Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD1926 BEREX-BD1926_14 Datasheet
726Kb / 4P
   Dual Band 2-Way SMT Power Divider
BD19B BEREX-BD19B_18 Datasheet
543Kb / 6P
   Dual Band 2-Way SMT Power Divider
BD2626 BEREX-BD2626_18 Datasheet
573Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD23B BEREX-BD23B_14 Datasheet
830Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD1926 BEREX-BD1926_18 Datasheet
485Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD23B BEREX-BD23B_18 Datasheet
548Kb / 6P
   Dual Band 2-Way SMT Power Divider
BD2626 BEREX-BD2626 Datasheet
822Kb / 4P
   Dual Band 2-Way SMT Power Divider
BD09B BEREX-BD09B_1 Datasheet
667Kb / 5P
   Dedicated Band 2-Way SMT Power Divider
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com