Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD1926 Arkusz danych(PDF) 2 Page - BeRex Corporation

Numer części BD1926
Szczegółowy opis  Dual Band 2?륹ay SMT Power Divider
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BEREX [BeRex Corporation]
Strona internetowa  http://www.berex.com
Logo BEREX - BeRex Corporation

BD1926 Arkusz danych(HTML) 2 Page - BeRex Corporation

  BD1926_1 Datasheet HTML 1Page - BeRex Corporation BD1926_1 Datasheet HTML 2Page - BeRex Corporation BD1926_1 Datasheet HTML 3Page - BeRex Corporation BD1926_1 Datasheet HTML 4Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 2 
 
Typical Test Data
Inser on Loss vs. Frequency
Isola on vs. Frequency
IRL vs. Frequency
ORL vs. Frequency
Dual Band 2‐Way SMT Power Divider 
BD1926
1700~2300MHz PCS, WCDMA & TD‐SCDMA 
Parameters 
Unit 
PCS, WCDMA & TD‐SCDMA 
Frequency Range 
MHz 
1700 
1800 
1900 
2075 
2250 
Inser on Loss 
dB 
0.51 
0.51 
0.55 
0.63 
0.76 
Isola on 
dB 
20.1 
22.5 
24.8 
21.6 
16.8 
IRL(S11) 
dB ‐17.4 ‐17.1 ‐16.3 ‐14.1 ‐11.9 
ORL(S22,S33) 
dB ‐24.9 ‐25.0 ‐24.4 ‐22.7 ‐19.9 
Phase Diff. 
deg 
1.4 
1.5 
1.5 
1.5 
1.4 
Amplitude Balance 
dB 
0.04 
0.07 
0.07 
0.06 
0.04 
BeRex
                                     ●website: www.berex.com                       ●email: sales@berex.com 
                                             
 
Specifica ons and informa on are subject to change and products may be discon nued without no ce.  BeRex is a trademark of BeRex.   
 
All other trademarks are the property of their respec ve owners.  © 2010 BeRex
 
Rev. C 


Podobny numer części - BD1926_1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BeRex Corporation
BD1926 BEREX-BD1926_14 Datasheet
726Kb / 4P
   Dual Band 2-Way SMT Power Divider
BD1926 BEREX-BD1926_18 Datasheet
485Kb / 5P
   Dual Band 2-Way SMT Power Divider
More results

Podobny opis - BD1926_1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BeRex Corporation
BD2326 BEREX-BD2326_1 Datasheet
373Kb / 4P
   Triple Band 2?륹ay SMT Power Divider
BD19B BEREX-BD19B_1 Datasheet
662Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD23B BEREX-BD23B_1 Datasheet
668Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD19B BEREX-BD19B_14 Datasheet
828Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD1926 BEREX-BD1926_14 Datasheet
726Kb / 4P
   Dual Band 2-Way SMT Power Divider
BD19B BEREX-BD19B_18 Datasheet
543Kb / 6P
   Dual Band 2-Way SMT Power Divider
BD2626 BEREX-BD2626_18 Datasheet
573Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD23B BEREX-BD23B_14 Datasheet
830Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD1926 BEREX-BD1926_18 Datasheet
485Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD23B BEREX-BD23B_18 Datasheet
548Kb / 6P
   Dual Band 2-Way SMT Power Divider
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com