Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TCZM5V6B Arkusz danych(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Numer części TCZM5V6B
Szczegółowy opis  500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Strona internetowa  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TCZM5V6B Arkusz danych(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TCZM5V6B Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCZM5V6B Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCZM5V6B Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCZM5V6B Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCZM5V6B Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCZM5V6B Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Number: DB-064
Jan.2011 / D
Page 1
S EM IC OND UC TOR
TAK CHEONG
®
500 mW LL-34 Hermetically
Sealed Glass Zener Voltage
Regulators
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Parameter
Value
Units
Power Dissipation
500
mW
Storage Temperature Range
-65 to +175
°C
Operating Junction Temperature
+175
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Zener Voltage Range 2.4 to 75 Volts
TCZMxxxB
- VZ tolerance ± 2%
TCZMxxxC
- VZ tolerance ± 5%
LL-34 (Mini-MELF) Package
Surface Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All External Surfaces Are Corrosion Resistant And Terminals Are Readily Solderable
RoHS Compliant
Matte Tin (Sn) Terminal Finish
Color band Indicates Negative Polarity
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device Type
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
()
Max
IZK
(mA)
ZZK @ IZK
()
Max
IR @ VR
(A)
Max
VR
(Volts)
TCZM2V4B
2.35
2.4
2.45
5
94
1
564
45
1
TCZM2V7B
2.65
2.7
2.75
5
94
1
564
18
1
TCZM3V0B
2.94
3.0
3.06
5
89
1
564
9
1
TCZM3V3B
3.23
3.3
3.37
5
89
1
564
4.5
1
TCZM3V6B
3.53
3.6
3.67
5
84
1
564
4.5
1
TCZM3V9B
3.82
3.9
3.98
5
84
1
564
2.7
1
TCZM4V3B
4.21
4.3
4.39
5
84
1
564
2.7
1
TCZM4V7B
4.61
4.7
4.79
5
75
1
470
2.7
2
TCZM5V1B
5.00
5.1
5.20
5
56
1
451
1.8
2
TCZM5V6B
5.49
5.6
5.71
5
37
1
376
0.9
2
TCZM6V2B
6.08
6.2
6.32
5
9
1
141
2.7
4
TCZM6V8B
6.66
6.8
6.94
5
14
1
75
1.8
4
TCZM7V5B
7.33
7.5
7.63
5
14
1
75
0.9
5
TCZM8V2B
8.04
8.2
8.36
5
14
1
75
0.63
5
TCZM9V1B
8.92
9.1
9.28
5
14
1
94
0.45
6
TCZM10B
9.80
10
10.20
5
18
1
141
0.18
7
TCZM11B
10.78
11
11.22
5
18
1
141
0.09
8
TCZM12B
11.76
12
12.24
5
23
1
141
0.09
8
TCZM13B
12.74
13
13.26
5
28
1
160
0.09
8
Cathode
Anode
ELECTRICAL SYMBOL
DEVICE MARKING DIAGRAM
Cathode Band Color : Blue
SURFACE MOUNT
LL34


Podobny numer części - TCZM5V6B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tak Cheong Electronics ...
TCZM5V6B TAK_CHEONG-TCZM5V6B Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results

Podobny opis - TCZM5V6B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0 Datasheet
181Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV79C2V0 TAK_CHEONG-TCBZV79C2V0_11 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LLZ2V4 YEASHIN-LLZ2V4 Datasheet
814Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B YEASHIN-LLZ5221B Datasheet
451Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCZM2V4B TAK_CHEONG-TCZM2V4B Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZ2V2 YEASHIN-LZ2V2 Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCLZ2V2 TAK_CHEONG-TCLZ2V2_11 Datasheet
178Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ2V0 TAK_CHEONG-TCLLZ2V0 Datasheet
179Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TCLLZ2V0 ETC1-TCLLZ2V0 Datasheet
980Kb / 10P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZJ2V0 YEASHIN-LZJ2V0 Datasheet
1Mb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
ZM2V4B YEASHIN-ZM2V4B Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com