Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS1503BCVE2 Arkusz danych(PDF) 7 Page - Gennum Corporation

Numer części GS1503BCVE2
Szczegółowy opis  HD Embedded Audio CODEC Data Sheet
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1503BCVE2 Arkusz danych(HTML) 7 Page - Gennum Corporation

Back Button GS1503BCVE2 Datasheet HTML 3Page - Gennum Corporation GS1503BCVE2 Datasheet HTML 4Page - Gennum Corporation GS1503BCVE2 Datasheet HTML 5Page - Gennum Corporation GS1503BCVE2 Datasheet HTML 6Page - Gennum Corporation GS1503BCVE2 Datasheet HTML 7Page - Gennum Corporation GS1503BCVE2 Datasheet HTML 8Page - Gennum Corporation GS1503BCVE2 Datasheet HTML 9Page - Gennum Corporation GS1503BCVE2 Datasheet HTML 10Page - Gennum Corporation GS1503BCVE2 Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
GS1503B HD Embedded Audio CODEC
Data Sheet
37953 - 1
December 2009
7 of 90
16, 18, 20,
36, 48, 56,
64, 72, 80,
86, 88, 108,
113, 121,
129, 144
GND
Device ground.
17
ACLKA
I
Input audio signal clock at 6.144 MHz (128 fs) for channels 1 to 4.
19
ACLKB
I
Input audio signal clock at 6.144 MHz (128 fs) for channels 5 to 8.
21
ERROR
O
Format error indicator. When HIGH, the incoming video data stream contains TRS
errors or there are errors within the incoming ancillary data packets.
22
OPERATE
O
Audio processing indicator. When HIGH, audio data is being multiplexed or
demultiplexed.
23
CRC_ERROR
O
CRC error indicator. Will be set HIGH when a CRC error is detected in the incoming
video data stream.
24
PKTENO
O
Arbitrary data packet timing signal. Valid in Multiplex Mode only. Will be HIGH when
arbitrary data packets can be input to the device. This signal is only valid when
multiplexing arbitrary data packets via the PKT[7:0] bus. See Figure 4-22 for timing.
25
PKTEN
I/O
Arbitrary data packet enable. In Multiplex Mode, PKTEN is an input and must be set
HIGH two VCLK cycles after the PKTENO signal goes HIGH. Arbitrary packet data is
input to the device two VCLK cycles after PKTEN is set HIGH. In Demultiplex Mode,
PKTEN is an output and is set HIGH two VCLK cycles before the device outputs
arbitrary packet data. See Figure 4-22 and Figure 5-12.
26, 28, 29,
30, 32, 33,
34, 35
PKT[7:0]
I/O
Arbitrary data I/O bus. PKT[7] is the MSB and PKT[0] is the LSB. In Multiplex Mode, the
user must input the arbitrary data packet words starting from the data identification
(DID) to the last user data word (UDW) according to SMPTE 291M. The GS1503B
internally converts the data to 10 bits by generating the parity bit (bit 8) and inversion
bit (bit 9). The checksum (CS) word is also generated internally. In Demultiplex Mode,
the GS9023 outputs the arbitrary data packet words starting from the DID to the last
UDW. See Figure 4-22 and Figure 5-12.
38
SCRBYPASS
I
Scrambler bypass. When set LOW, the output video stream is scrambled according to
SMPTE 292M and NRZ(I) encoded. When set HIGH, the scrambler and NRZ(I) encoder
are bypassed.
39, 40, 41,
42
RSV
Connect to ground.
43
EXTH
I/O
Horizontal sync signal. The GS1503B outputs a horizontal sync signal derived from the
incoming TRS. In Multiplex Mode, with EXT_SEL set HIGH in the Host Interface, a
horizontal sync signal can be input to the device for TRS and line number insertion.
44
EXTF
I/O
Field sync signal. The GS1503B outputs a field sync signal derived from the incoming
TRS. In Multiplex Mode, with EXT_SEL set HIGH in the Host Interface, a field sync signal
can be input to the device for TRS and line number insertion. For progressive formats,
a signal with a high to low transition at the position of line one must be provided. See
Figure 4-6 and Figure 4-7.
45
VIDEO_DET
O
Video input signal detection. Indicates that the device has detected a valid video input
stream.
NOTE: When EXT_SEL is set HIGH in the Host Interface, VIDEO_DET will indicate when
valid EXTH and EXTF signals have been detected.
Table 1-1: Pin Descriptions (Continued)
Number
Symbol
Type
Description


Podobny numer części - GS1503BCVE2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1503 GENNUM-GS1503 Datasheet
1Mb / 83P
   HD EMBEDDED AUDIO CODEC
GS1503-CFZ GENNUM-GS1503-CFZ Datasheet
1Mb / 83P
   HD EMBEDDED AUDIO CODEC
More results

Podobny opis - GS1503BCVE2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1503 GENNUM-GS1503 Datasheet
1Mb / 83P
   HD EMBEDDED AUDIO CODEC
GS9023B GENNUM-GS9023B Datasheet
714Kb / 56P
   Embedded Audio CODEC
logo
List of Unclassifed Man...
GS9023 ETC-GS9023 Datasheet
301Kb / 33P
   Embedded Audio CODEC
logo
Analog Devices
AD1983 AD-AD1983 Datasheet
427Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD_15 Datasheet
386Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
logo
Realtek Semiconductor C...
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD_11 REALTEK-ALC888S-VD_11_05 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
logo
Analog Devices
ADAV400 AD-ADAV400_15 Datasheet
620Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. A
logo
Texas Instruments
PCM3070 TI1-PCM3070 Datasheet
908Kb / 41P
[Old version datasheet]   Stereo Audio Codec With Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com