Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS1545-CQR Arkusz danych(PDF) 2 Page - Gennum Corporation

Numer części GS1545-CQR
Szczegółowy opis  HDTV Serial Digital Equalizing Receiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1545-CQR Arkusz danych(HTML) 2 Page - Gennum Corporation

  GS1545-CQR Datasheet HTML 1Page - Gennum Corporation GS1545-CQR Datasheet HTML 2Page - Gennum Corporation GS1545-CQR Datasheet HTML 3Page - Gennum Corporation GS1545-CQR Datasheet HTML 4Page - Gennum Corporation GS1545-CQR Datasheet HTML 5Page - Gennum Corporation GS1545-CQR Datasheet HTML 6Page - Gennum Corporation GS1545-CQR Datasheet HTML 7Page - Gennum Corporation GS1545-CQR Datasheet HTML 8Page - Gennum Corporation GS1545-CQR Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
GENNUM CORPORATION
522 - 28 - 05
2 of 19
FUNCTIONAL BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise shown.
PARAMETER
VALUE
Supply Voltage (VS)5.5V
Input Voltage Range (any input)
VEE – 0.5 < VIN < VCC+ 0.5
Operating Temperature Range
0°C
≤ T
A ≤ 70°C
Storage Temperature Range
-40°C
≤ T
S ≤ 150°C
Power Dissipation (VCC = 5.25V)
2.1W
Lead Temperature (soldering 10 seconds)
260°C
Input ESD Voltage
1000V
Junction Temperature
125°C
PLL_LOCK
RECLOCKER CORE
S/P CONVERTER
CORE
BUFFER
DDO_EN
BYPASS
DDO
DDO
DATA_OUT[19:0]
DDI
DDI_VTT
(opt)
DDI
PCLK_OUT
MUTE
PHASE
DETECTOR
CHARGE
PUMP
PHASE
LOCK
LOGIC
GO1515
LFS LFS
PLCAP PLCAP IJI
VCO
LFA
EQUALIZER CORE
AGC
EQ
CORE
DC
RESTORE
CABLE LENGTH INDICATOR
MAXIMUM CABLE LENGTH ADJUST
CARRIER DETECT
A/D
ANALOG-
DIGITAL
MUX &
BUFFER
BUFFER
CLI
CD
MCLADJ
SDI
SDI
DDOint+
DDOint-


Podobny numer części - GS1545-CQR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1545-CQR GENNUM-GS1545-CQR Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
More results

Podobny opis - GS1545-CQR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com