Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS1574-CNE3 Arkusz danych(PDF) 11 Page - Gennum Corporation

Numer części GS1574-CNE3
Szczegółowy opis  Adaptive Cable Equalizer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1574-CNE3 Arkusz danych(HTML) 11 Page - Gennum Corporation

Back Button GS1574-CNE3 Datasheet HTML 7Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 8Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 9Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 10Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 11Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 12Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 13Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 14Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
GS1574 Data Sheet
28854 - 5
May 2007
11 of 18
4. Detailed Description
The GS1574 is a high speed bipolar IC designed to equalize serial digital signals.
The GS1574 can equalize both HD and SD serial digital signals, and will typically
equalize greater than 140m of Belden 1694A cable at 1.485Gb/s and 350m at
270Mb/s.
The GS1574 is powered from a single +3.3V power supply and consumes
approximately 270mW of power.
4.1 Serial Digital Inputs
The serial data signal may be connected to the input pins (SDI/SDI) in either a
differential or single ended configuration. AC coupling of the inputs is
recommended, as the SDI and SDI inputs are internally biased at approximately
1.8V.
4.2 Cable Equalization
The input signal passes through a variable gain equalizing stage whose frequency
response closely matches the inverse of the cable loss characteristic.
The edge energy of the equalized signal is monitored by a detector circuit which
produces an error signal corresponding to the difference between the desired edge
energy and the actual edge energy. This error signal is integrated by both an
internal and an external AGC filter capacitor providing a steady control voltage for
the gain stage. As the frequency response of the gain stage is automatically varied
by the application of negative feedback, the edge energy of the equalized signal is
kept at a constant level which is representative of the original edge energy at the
transmitter. The equalized signal is also DC restored, effectively restoring the logic
threshold of the equalized signal to its correct level independent of shifts due to AC
coupling. The digital output signals have a nominal voltage of 750mVpp differential,
or 375mVpp single ended when terminated with 50Ω as shown in Figure 4-1.


Podobny numer części - GS1574-CNE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1574-CNE3 GENNUM-GS1574-CNE3 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
More results

Podobny opis - GS1574-CNE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A Datasheet
681Kb / 16P
   GS1524A Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com