Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS1582 Arkusz danych(PDF) 10 Page - Gennum Corporation

Numer części GS1582
Szczegółowy opis  Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1582 Arkusz danych(HTML) 10 Page - Gennum Corporation

Back Button GS1582 Datasheet HTML 6Page - Gennum Corporation GS1582 Datasheet HTML 7Page - Gennum Corporation GS1582 Datasheet HTML 8Page - Gennum Corporation GS1582 Datasheet HTML 9Page - Gennum Corporation GS1582 Datasheet HTML 10Page - Gennum Corporation GS1582 Datasheet HTML 11Page - Gennum Corporation GS1582 Datasheet HTML 12Page - Gennum Corporation GS1582 Datasheet HTML 13Page - Gennum Corporation GS1582 Datasheet HTML 14Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 115 page
background image
GS1582 Multi-Rate Serializer with Cable Driver, Audio
Multiplexer and ClockCleanerTM
Data Sheet
40117 - 3
March 2009
10 of 115
1.2 Pin Descriptions
Table 1-1: Pin Descriptions
Pin
Number
Name
Timing
Type
Description
A1, A2, B1,
B2, B3, C1,
C2, C3, D1,
D2
DIN[19:10]
Synchronous
with PCLK
Input
PARALLEL DATA BUS
Signal levels are LVCMOS/LVTTL compatible.
DIN19 is the MSB and DIN10 is the LSB.
HD 20-bit mode
SD/HD = LOW
20bit/10bit = HIGH
Luma data input in SMPTE mode
SMPTE_BYPASS = HIGH
DVB_ASI = LOW
Data input in Data-Through mode
SMPTE_BYPASS = LOW
DVB_ASI = LOW
HD 10-bit mode
SD/HD = LOW
20bit/10bit = LOW
Multiplexed Luma and Chroma data
input in SMPTE mode
SMPTE_BYPASS = HIGH
DVB_ASI = LOW
Data input in Data-Through mode
SMPTE_BYPASS = LOW
DVB_ASI = LOW
SD 20-bit mode
SD/HD = HIGH
20bit/10bit = HIGH
Luma data input in SMPTE mode
SMPTE_BYPASS = HIGH
DVB_ASI = LOW
Data input in Data-Through mode
SMPTE_BYPASS = LOW
DVB_ASI = LOW
DVB-ASI data input in DVB-ASI mode
SMPTE_BYPASS = LOW
DVB_ASI = HIGH
SD 10-bit mode
SD/HD = HIGH
20bit/10bit = LOW
Multiplexed Luma and Chroma data
input in SMPTE mode
SMPTE_BYPASS = HIGH
DVB_ASI = LOW
Data input in data through mode
SMPTE_BYPASS = LOW
DVB_ASI = LOW
DVB-ASI data input in DVB-ASI mode
SMPTE_BYPASS = LOW
DVB_ASI = HIGH


Podobny numer części - GS1582

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1582 GENNUM-GS1582 Datasheet
1Mb / 114P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
logo
Semtech Corporation
GS1582 SEMTECH-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Gennum Corporation
GS1582-IBE3 GENNUM-GS1582-IBE3 Datasheet
1Mb / 114P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
More results

Podobny opis - GS1582

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
GS1582 SEMTECH-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Gennum Corporation
GS1582 GENNUM-GS1582 Datasheet
1Mb / 114P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
GS1531 GENNUM-GS1531_08 Datasheet
817Kb / 50P
   Multi-Rate Serializer with ClockCleaner
GS1532 GENNUM-GS1532_07 Datasheet
827Kb / 51P
   Multi-Rate Serializer with ClockCleaner
GS9062 GENNUM-GS9062_07 Datasheet
764Kb / 46P
   HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com