Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS2974ACTE3 Arkusz danych(PDF) 2 Page - Gennum Corporation

Numer części GS2974ACTE3
Szczegółowy opis  HD-LINX III Adaptive Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2974ACTE3 Arkusz danych(HTML) 2 Page - Gennum Corporation

  GS2974ACTE3 Datasheet HTML 1Page - Gennum Corporation GS2974ACTE3 Datasheet HTML 2Page - Gennum Corporation GS2974ACTE3 Datasheet HTML 3Page - Gennum Corporation GS2974ACTE3 Datasheet HTML 4Page - Gennum Corporation GS2974ACTE3 Datasheet HTML 5Page - Gennum Corporation GS2974ACTE3 Datasheet HTML 6Page - Gennum Corporation GS2974ACTE3 Datasheet HTML 7Page - Gennum Corporation GS2974ACTE3 Datasheet HTML 8Page - Gennum Corporation GS2974ACTE3 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
GS2974A HD-LINX™ III Adaptive Cable Equalizer
Data Sheet
42216 - 3
January 2009
2 of 16
Revision History
Version
ECR
PCN
Date
Changes and/or Modifications
3
151331
January 2009
Added 2500pc reel size to 6.6 Ordering
Information. Changed the Output Voltage
Swing from 550mVp-p to 600mVp-p in
Table 2-2: AC Electrical Characteristics.
2
149719
April 2008
Added “0.3UI Maximum Output Jitter at
2.97Gb/s” to Features Section and Table
2-2: AC Electrical Characteristics. Changed
cables lengths from 100 to 120 and 400 to
350 in Section 4. Detailed Description.
Re-wrote Section 4.3 Programmable
Maximum Cable Length Adjust (MCLADJ).
Added Tape & Reel to 6.6 Ordering
Information.
1
145131
May 2007
Converted to Data Sheet.
0
144247
February 2007
Converted to Preliminary Data Sheet.
Removed ‘Proprietary and Confidential’
footer. Modified DC Electrical
Characteristics and AC Electrical
Characteristics table. Added section 6.4
Marking Diagram.
A
143102
December 2006
New Document.


Podobny numer części - GS2974ACTE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
GS2974ACTE3 SEMTECH-GS2974ACTE3 Datasheet
600Kb / 16P
   HD-LINX??III Adaptive Cable Equalizer
More results

Podobny opis - GS2974ACTE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
GS2974B SEMTECH-GS2974B Datasheet
703Kb / 17P
   HD-LINX??III Adaptive Cable Equalizer
logo
Gennum Corporation
GS2974B GENNUM-GS2974B Datasheet
703Kb / 17P
   HD-LINX III Adaptive Cable Equalizer
logo
Semtech Corporation
GS2974A SEMTECH-GS2974A Datasheet
600Kb / 16P
   HD-LINX??III Adaptive Cable Equalizer
logo
Gennum Corporation
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A_11 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS1574A SEMTECH-GS1574A Datasheet
1Mb / 16P
   HD-LINX짰 II Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com