Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK2677 Arkusz danych(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Numer części 2SK2677
Szczegółowy opis  HVX-2 Series Power MOSFET(900V 10A)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Strona internetowa  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SK2677 Arkusz danych(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  2SK2677 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SK2677 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SK2677 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SK2677 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SK2677 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SK2677 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SK2677 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SK2677 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SK2677 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SHINDENGEN
2SK2677
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
RATINGS
(FP10W90HVX2)
(Unit : mm)
900V 10A
N-Channel Enhancement type
HVX-2 Series Power MOSFET
Case : ITO-3P
Switching power supply of AC 240V input
High voltage power supply
Inverter
APPLICATION
Input capacitance (Ciss) is small.
Especially, input capacitance
at 0 biass is small.
The static Rds(on) is small.
The switching time is fast.
Avalanche resistance guaranteed.
FEATURES
●Absolute Maximum Ratings (Tc = 25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55~150
Channel Temperature
Tch
150
Drain-Source Voltage
VDSS
900
V
Gate-Source Voltage
VGSS
±30
Continuous Drain Current(DC)
ID
10
Continuous Drain Current(Peak)
IDP
Pulse width≦10μs, Duty cycle≦1/100
20
A
Continuous Source Current(DC)
IS
10
Total Power Dissipation
PT
65
W
Repetitive Avalanche Current
IAR
Tch = 150℃
10A
Single Avalanche Energy
EAS
Tch = 25℃
260
mJ
Repetitive Avalanche Energy
EAR
Tch = 25℃
26
Dielectric Strength
Vdis
Terminals to case, AC 1 minute
2kV
Mounting Torque
TOR
( Recommended torque :0.5 N・m )
0.8
N・m


Podobny numer części - 2SK2677

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
2SK2677 ISC-2SK2677 Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - 2SK2677

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shindengen Electric Mfg...
2SK2676 SHINDENGEN-2SK2676 Datasheet
428Kb / 12P
   HVX-2 Series Power MOSFET(900V 10A)
2SK2671 SHINDENGEN-2SK2671 Datasheet
444Kb / 12P
   HVX-2 Series Power MOSFET(900V 5A)
2SK2673 SHINDENGEN-2SK2673 Datasheet
431Kb / 12P
   HVX-2 Series Power MOSFET(900V 5A)
2SK2665 SHINDENGEN-2SK2665 Datasheet
439Kb / 12P
   HVX-2 Series Power MOSFET(900V 3A)
2SK2668 SHINDENGEN-2SK2668 Datasheet
431Kb / 12P
   HVX-2 Series Power MOSFET(900V 3A)
2SK2670 SHINDENGEN-2SK2670 Datasheet
439Kb / 12P
   HVX-2 Series Power MOSFET(900V 5A)
2SK2675 SHINDENGEN-2SK2675 Datasheet
431Kb / 12P
   HVX-2 Series Power MOSFET(900V 7A)
2SK2664 SHINDENGEN-2SK2664 Datasheet
441Kb / 12P
   HVX-2 Series Power MOSFET(900V 3A)
2SK2667 SHINDENGEN-2SK2667 Datasheet
429Kb / 12P
   HVX-2 Series Power MOSFET(900V 3A)
2SK2669 SHINDENGEN-2SK2669 Datasheet
441Kb / 12P
   HVX-2 Series Power MOSFET(900V 5A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com