Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS7032 Arkusz danych(PDF) 9 Page - Gennum Corporation

Numer części GS7032
Szczegółowy opis  Digital Video Serializer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7032 Arkusz danych(HTML) 9 Page - Gennum Corporation

  GS7032 Datasheet HTML 1Page - Gennum Corporation GS7032 Datasheet HTML 2Page - Gennum Corporation GS7032 Datasheet HTML 3Page - Gennum Corporation GS7032 Datasheet HTML 4Page - Gennum Corporation GS7032 Datasheet HTML 5Page - Gennum Corporation GS7032 Datasheet HTML 6Page - Gennum Corporation GS7032 Datasheet HTML 7Page - Gennum Corporation GS7032 Datasheet HTML 8Page - Gennum Corporation GS7032 Datasheet HTML 9Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
14583 - 04
9 of 9
GENNUM CORPORATION
Mailing Address: P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3
Shipping Address: 970 Fraser Drive, Burlington, Ontario, Canada L7L 5P5
Tel. +1 (905) 632-2996 Fax. +1 (905) 632-5946
GENNUM JAPAN CORPORATION
Shinjuku Green Tower Building 27F, 6-14-1, Nishi Shinjuku, Shinjuku-ku, Tokyo,
160-0023 Japan
Tel. +81 (03) 3349-5501, Fax. +81 (03) 3349-5505
GENNUM UK lIMITED
25 Long Garden Walk, Farnham, Surrey, England GU9 7HX
Tel. +44 (0)1252 747 000 Fax +44 (0)1252 726 523
Gennum Corporation assumes no liability for any errors or omissions in this
document, or for the use of the circuits or devices described herein. The sale
of the circuit or device described herein does not imply any patent license,
and Gennum makes no representation that the circuit or device is free from
patent infringement.
GENNUM and the G logo are registered trademarks of Gennum Corporation.
© Copyright 2001 Gennum Corporation. All rights reserved.
Printed in Canada.
www.gennum.com
PACKAGE DIMENSIONS
REVISION HISTORY
VERSION
ECR
DATE
CHANGES AND/OR MODIFICATIONS
4
136659
May 2005
Removed reference to EDH FPGA core. Updated Pb-Free and RoHS Compliant
part ordering information.
10.00
12.00
10.00
0.80
0.30
12.00
0.20 MAX
RADIUS
0.08 MIN.
RADIUS
0.60
±0.15
0.20 MIN
12˚ TYP
12˚ TYP
1.00
0.10
1.10
0.127
7˚ MAX
0˚ MIN
0 MIN
PIN 1
0.20 MIN
All dimensions in millimetres
44 pin TQFP
CAUTION
ELECTROSTATIC
SENSITIVE DEVICES
DO NOT OPEN PACKAGES OR HANDLE
EXCEPT AT A STATIC-FREE WORKSTATION
DOCUMENT IDENTIFICATION
DATA SHEET
The product is in production. Gennum reserves the right to make
changes at any time to improve reliability, function or design, in order to
provide the best product possible.


Podobny numer części - GS7032

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS7032 GSI-GS7032 Datasheet
231Kb / 11P
   32K x 8 256Kb Asynchronous SRAM
GS70328SJ GSI-GS70328SJ Datasheet
231Kb / 11P
   32K x 8 256Kb Asynchronous SRAM
GS70328SJ-10 GSI-GS70328SJ-10 Datasheet
231Kb / 11P
   32K x 8 256Kb Asynchronous SRAM
GS70328SJ-10I GSI-GS70328SJ-10I Datasheet
231Kb / 11P
   32K x 8 256Kb Asynchronous SRAM
GS70328SJ-10IT GSI-GS70328SJ-10IT Datasheet
231Kb / 11P
   32K x 8 256Kb Asynchronous SRAM
More results

Podobny opis - GS7032

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GS9022 ETC-GS9022 Datasheet
160Kb / 7P
   Digital Video Serializer
logo
Gennum Corporation
GS9022A GENNUM-GS9022A Datasheet
245Kb / 7P
   GENLINXTM GS9022A Digital Video Serializer
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
logo
National Semiconductor ...
CLC020 NSC-CLC020 Datasheet
362Kb / 15P
   SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
Texas Instruments
CLC020 TI1-CLC020 Datasheet
753Kb / 20P
[Old version datasheet]   CLC020 SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
National Semiconductor ...
CLC021 NSC-CLC021 Datasheet
428Kb / 18P
   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
logo
Texas Instruments
CLC021 TI1-CLC021_14 Datasheet
655Kb / 25P
[Old version datasheet]   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
logo
Gennum Corporation
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
logo
National Semiconductor ...
CLC030 NSC-CLC030 Datasheet
329Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com