Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CBC012-BUC-WP Arkusz danych(PDF) 1 Page - Cymbet Corporation

Numer części CBC012-BUC-WP
Szczegółowy opis  Rechargeable Solid State Energy Storage: 12uAh, 3.8V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYMBET [Cymbet Corporation]
Strona internetowa  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC012-BUC-WP Arkusz danych(HTML) 1 Page - Cymbet Corporation

  CBC012-BUC-WP Datasheet HTML 1Page - Cymbet Corporation CBC012-BUC-WP Datasheet HTML 2Page - Cymbet Corporation CBC012-BUC-WP Datasheet HTML 3Page - Cymbet Corporation CBC012-BUC-WP Datasheet HTML 4Page - Cymbet Corporation CBC012-BUC-WP Datasheet HTML 5Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2009-2010 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-02 Rev A
Page 1 of 5
Rechargeable Solid State Energy Storage: 12µAh, 3.8V
EnerChip™ CBC012
Features
All Solid State Construction
SMT Package and Process
Lead-Free Reflow Tolerant
Thousands of Recharge Cycles
Low Self-Discharge
Eco-friendly, RoHS compliant
Electrical Properties
Output voltage (nominal): 3.8V
Capacity (nominal):
12µAh
Charging source:
4.00V to 4.15V
Recharge time to 80%:
10 minutes
Charge/discharge cycles: >5000 to 10% DOD
Physical Properties
Package size (DFN):
5 mm x 5 mm x 0.9 mm
Operating temperature:
-20°C to 70°C
Storage temperature:
-40°C to 125°C
The EnerChip™ CBC012 is a surface-mount, solid
state, thin film, rechargeable energy storage device
rated for 12µAh at 3.8V. It is ideal as a localized
on-board power source for SRAMs, real-time clocks
and microcontrollers which require standby power
to retain time or data. It is also suitable for RFID
tags, smart sensors, and remote applications which
require a miniature, low-cost, and rugged power
source. For many applications, the CBC012 is a
superior alternative to button cell batteries and
super-capacitors.
Because of their solid state design, EnerChip™
storage devices are able to withstand solder reflow
temperatures and can be processed in high-
volume manufacturing lines similar to conventional
semiconductor devices. There are no harmful gases,
liquids or special handling procedures, in contrast to
traditional rechargeable batteries.
The CBC012 is based on a patented, all solid state,
rechargeable energy cell with a nominal 3.8V output.
Recharge is fast and simple, with a direct connection
to a 4.1V voltage source and no current limiting
components. Recharge time is 10 minutes to 80%
capacity. Robust design offers thousands of charge/
discharge cycles. The CBC012 is packaged in a 5 mm
x 5 mm 6-pin DFN package. It is shipped in tubes,
tape-and-reel, or waffle pack trays.
Applications
Standby supply
for non-volatile SRAM, real-time
clocks, controllers, supply supervisors, and other
system-critical components.
Wireless sensors and RFID tags
and other
powered, low duty cycle applications.
Localized power source
to keep microcontrollers
and other devices alert in standby mode.
Power bridging
to provide backup power to
system during exchange of primary batteries.
Embedded Energy
where bare die can be
embedded into modules or co-packaged with
other ICs
5 mm x 5 mm
DFN SMT Package
Pin Number(s)
Description
1
V-
2,3,4,5
NIC
6
V+
Note: NIC = No Internal Connection
CBC012 Schematic Representation
Top View
2.8 mm x 3.5 mm
Bare Die
1
2
3
6 5
4
+
-


Podobny numer części - CBC012-BUC-WP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cymbet Corporation
CBC012-BUC-WP CYMBET-CBC012-BUC-WP Datasheet
679Kb / 5P
   Rechargeable Solid State Energy Storage: 12uAh, 3.8V
More results

Podobny opis - CBC012-BUC-WP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cymbet Corporation
DS-72-02 CYMBET-DS-72-02 Datasheet
679Kb / 5P
   Rechargeable Solid State Energy Storage: 12uAh, 3.8V
CBC050 CYMBET-CBC050 Datasheet
1,001Kb / 4P
   Rechargeable Solid State Energy Storage: 50uAh, 3.8V
DS-72-01 CYMBET-DS-72-01 Datasheet
985Kb / 4P
   Rechargeable Solid State Energy Storage: 50關Ah, 3.8V
CBC005 CYMBET-CBC005 Datasheet
369Kb / 3P
   Rechargeable Energy Storage Device: 5Ah, 3.8V
DS-72-41 CYMBET-DS-72-41 Datasheet
1Mb / 13P
   Rechargeable Solid State Bare Die Batteries
logo
Bel Fuse Inc.
350INVCHGT150-120-240-8G BEL-350INVCHGT150-120-240-8G Datasheet
1Mb / 9P
   Storage Energy Systems
logo
Vishay Siliconix
196-HVC VISHAY-196-HVC Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
196HVC VISHAY-196HVC Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
196HVCENYCAP VISHAY-196HVCENYCAP Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
logo
Rhombus Industries Inc.
L-14400 RHOMBUS-IND-L-14400 Datasheet
43Kb / 1P
   DC Energy Storage Inductors
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com