Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM2490E_VA Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADM2490E_VA
Szczegółowy opis  High Speed, ESD-Protected, Full-Duplex, iCoupler Isolated RS-485 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM2490E_VA Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADM2490E_VA Datasheet HTML 7Page - Analog Devices ADM2490E_VA Datasheet HTML 8Page - Analog Devices ADM2490E_VA Datasheet HTML 9Page - Analog Devices ADM2490E_VA Datasheet HTML 10Page - Analog Devices ADM2490E_VA Datasheet HTML 11Page - Analog Devices ADM2490E_VA Datasheet HTML 12Page - Analog Devices ADM2490E_VA Datasheet HTML 13Page - Analog Devices ADM2490E_VA Datasheet HTML 14Page - Analog Devices ADM2490E_VA Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADM2490E
Rev. A | Page 11 of 16
CASE TEMPERATURE (°C)
0
0
350
300
250
200
150
100
50
50
100
150
200
SIDE 1
SIDE 2
Figure 16. Thermal Derating Curve, Dependence of Safety-Limiting Values
with Case Temperature per VDE 0884-10
–14
–12
–10
–8
–6
–4
–2
0
4.0
4.2
4.4
4.6
4.8
5.0
VOLTAGE (V)
Figure 17. Output Current vs. Receiver Output High Voltage
0
2
4
6
8
10
12
14
16
0
0.2
0.4
0.6
0.8
1.0
1.2
VOLTAGE (V)
Figure 18. Output Current vs. Receiver Output Low Voltage
4.66
4.67
4.68
4.70
4.72
4.74
4.69
4.71
4.73
4.75
4.76
4.77
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 19. Receiver Output High Voltage vs. Temperature,
IRxD = −4 mA
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 20. Receiver Output Low Voltage vs. Temperature,
IRxD = –4 mA


Podobny numer części - ADM2490E_VA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM2490EBRWZ AD-ADM2490EBRWZ Datasheet
559Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2490EBRWZ-REEL71 AD-ADM2490EBRWZ-REEL71 Datasheet
559Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2490E AD-ADM2490E_15 Datasheet
511Kb / 16P
   High Speed, ESD-Protected, Full-Duplex
REV. A
More results

Podobny opis - ADM2490E_VA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM2490E AD-ADM2490E Datasheet
559Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2491E AD-ADM2491E_V01 Datasheet
423Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex iCoupler Isolated RS-485 Transceiver
Rev. C
ADM2491E AD-ADM2491E Datasheet
572Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2484E AD-ADM2484E Datasheet
472Kb / 16P
   500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2484E AD-ADM2484E_V01 Datasheet
377Kb / 16P
   500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
Rev. G
ADM2491EBRWZ AD-ADM2491EBRWZ Datasheet
410Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex Coupler Isolated RS-485 Transceiver
REV. B
ADM2486 AD-ADM2486_V01 Datasheet
449Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
Rev. E
ADM2486 AD-ADM2486 Datasheet
294Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
REV. C
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com