Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuM2250ARWZ Arkusz danych(PDF) 2 Page - Analog Devices

Numer części ADuM2250ARWZ
Szczegółowy opis  Hot-Swappable, Dual I2C Isolators, 5 kV
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuM2250ARWZ Arkusz danych(HTML) 2 Page - Analog Devices

  ADuM2250ARWZ Datasheet HTML 1Page - Analog Devices ADuM2250ARWZ Datasheet HTML 2Page - Analog Devices ADuM2250ARWZ Datasheet HTML 3Page - Analog Devices ADuM2250ARWZ Datasheet HTML 4Page - Analog Devices ADuM2250ARWZ Datasheet HTML 5Page - Analog Devices ADuM2250ARWZ Datasheet HTML 6Page - Analog Devices ADuM2250ARWZ Datasheet HTML 7Page - Analog Devices ADuM2250ARWZ Datasheet HTML 8Page - Analog Devices ADuM2250ARWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADuM2250/ADuM2251
Data Sheet
Rev. A | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagrams............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics............................................................. 3
Test Conditions............................................................................. 5
Package Characteristics ............................................................... 6
Regulatory Information............................................................... 6
Insulation and Safety-Related Specifications............................ 6
DIN V VDE V 0884-10 (VDE V 0884-10) Insulation
Characteristics ...............................................................................7
Recommended Operating Conditions .......................................7
Absolute Maximum Ratings ............................................................8
ESD Caution...................................................................................8
Pin Configuration and Function Descriptions..............................9
Applications Information .............................................................. 10
Functional Description.............................................................. 10
Startup.......................................................................................... 11
Magnetic Field Immunity............................................................. 11
Outline Dimensions....................................................................... 13
Ordering Guide .......................................................................... 13
REVISION HISTORY
9/11—Rev. 0 to Rev. A
Added 16-Lead SOIC.........................................................Universal
Changes to Features Section and Endnote 1................................. 1
Changes to Table 4 and Table 5....................................................... 6
Changes to Endnote 1 in Table 7 .................................................... 7
Changes to Functional Description Section and Figure 7 ........ 10
Updated Outline Dimensions....................................................... 13
Changes to Ordering Guide .......................................................... 13
4/07—Revision 0: Initial Version


Podobny numer części - ADuM2250ARWZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM2250ARWZ AD-ADUM2250ARWZ Datasheet
315Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. 0
ADUM2250ARWZ AD-ADUM2250ARWZ Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM2250ARWZ-RL AD-ADUM2250ARWZ-RL Datasheet
315Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. 0
ADUM2250ARWZ-RL AD-ADUM2250ARWZ-RL Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
More results

Podobny opis - ADuM2250ARWZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM2250 AD-ADUM2250 Datasheet
315Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. 0
ADUM2250 AD-ADUM2250_V01 Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM2251 AD-ADUM2251_15 Datasheet
309Kb / 16P
   Hot Swappable, Dual IC Isolators, 5 kV
Rev. C
ADUM2250 AD-ADUM2250_15 Datasheet
309Kb / 16P
   Hot Swappable, Dual IC Isolators, 5 kV
Rev. C
ADUM1250_VD AD-ADUM1250_VD Datasheet
274Kb / 12P
   Hot Swappable, Dual I2C Isolators
REV. D
ADUM1250WSRZ AD-ADUM1250WSRZ Datasheet
300Kb / 12P
   Hot Swappable, Dual I2C Isolators
Rev. F
ADUM1250 AD-ADUM1250 Datasheet
335Kb / 12P
   Hot Swappable Dual I2C Isolators
REV. 0
ADUM1250 AD-ADUM1250_V01 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
logo
Linear Technology
LTC4310-2 LINER-LTC4310-2_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1 Datasheet
913Kb / 20P
   Hot-Swappable I2C Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com