Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUM7441 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADUM7441
Szczegółowy opis  1 kV RMS Quad-Channel Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUM7441 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADUM7441 Datasheet HTML 3Page - Analog Devices ADUM7441 Datasheet HTML 4Page - Analog Devices ADUM7441 Datasheet HTML 5Page - Analog Devices ADUM7441 Datasheet HTML 6Page - Analog Devices ADUM7441 Datasheet HTML 7Page - Analog Devices ADUM7441 Datasheet HTML 8Page - Analog Devices ADUM7441 Datasheet HTML 9Page - Analog Devices ADUM7441 Datasheet HTML 10Page - Analog Devices ADUM7441 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADuM7440/ADuM7441/ADuM7442
Rev. B | Page 7 of 20
PACKAGE CHARACTERISTICS
Table 13.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Resistance (Input-to-Output)1
RI-O
1013
Capacitance (Input-to-Output)1
CI-O
2
pF
f = 1 MHz
Input Capacitance2
CI
4.0
pF
IC Junction-to-Ambient Thermal
Resistance
θJA
76
°C/W
Thermocouple located at center of package
underside
1
The device is considered a 2-terminal device: Pin 1 through Pin 8 are shorted together and Pin 9 through Pin 16 are shorted together.
2
Input capacitance is from any input data pin to ground.
REGULATORY INFORMATION
The ADuM744x is approved by the organizations listed in Table 14. See Table 18 and the Insulation Lifetime section for recommended
maximum working voltages for specific cross-isolation waveforms and insulation levels.
Table 14.
UL
CSA (Pending)
Recognized under UL 1577 Component
Recognition Program1
Approved under CSA Component
Acceptance Notice #5A
Single Protection,
1000 V rms Isolation Voltage
Basic insulation per CSA 60950-1-03 and IEC 60950-1, 148 V rms (210 V peak)
maximum working voltage
File E274400
File 205078
1
In accordance with UL 1577, each ADuM744x is proof tested by applying an insulation test voltage ≥1200 V rms for 1 sec (current leakage detection limit = 5 µA).
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 15.
Parameter
Symbol
Value
Unit
Conditions
Rated Dielectric Insulation Voltage
1000
V rms
1-minute duration
Minimum External Air Gap (Clearance)
L(I01)
3.8
mm min
Measured from input terminals to output terminals,
shortest distance through air
Minimum External Tracking (Creepage)
L(I02)
2.8
mm min
Measured from input terminals to output terminals,
shortest distance path along body
Minimum Internal Gap (Internal Clearance)
2.6
μm min
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
CASE TEMPERATURE (°C)
0
0
350
300
250
200
150
100
50
50
100
150
200
Figure 4. Thermal Derating Curve, Dependence of Safety-Limiting Values
with Case Temperature per DIN V VDE V 0884-10
RECOMMENDED OPERATING CONDITIONS
Table 16.
Parameter
Symbol
Min
Max
Unit
Operating Temperature
TA
−40
+105
°C
Supply Voltages1
VDD1, VDD2
3.0
5.5
V
Input Signal Rise and Fall Times
1.0
ms
1
All voltages are relative to their respective ground. See the DC Correctness
and Magnetic Field Immunity section for information on immunity to external
magnetic fields.


Podobny numer części - ADUM7441

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADuM7441 AD-ADuM7441 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADuM7441ARQZ AD-ADuM7441ARQZ Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADuM7441ARQZ-RL7 AD-ADuM7441ARQZ-RL7 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADuM7441CRQZ AD-ADuM7441CRQZ Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADuM7441CRQZ-RL7 AD-ADuM7441CRQZ-RL7 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
More results

Podobny opis - ADUM7441

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
   5 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM240D AD-ADUM240D Datasheet
496Kb / 24P
   5.0 kV rms Quad Digital Isolators
ADUM7641ARQZ AD-ADUM7641ARQZ Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
REV. 0
ADUM7640 AD-ADUM7640 Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
ADUM3480 AD-ADUM3480 Datasheet
339Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
REV. 0
ADUM3480 AD-ADUM3480_V01 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com