Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UF4001GP Arkusz danych(PDF) 2 Page - Micro Commercial Components

Numer części UF4001GP
Szczegółowy opis  1 Amp Glass Passivated Ultra Fast Recovery Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MCC [Micro Commercial Components]
Strona internetowa  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

UF4001GP Arkusz danych(HTML) 2 Page - Micro Commercial Components

  UF4001GP Datasheet HTML 1Page - Micro Commercial Components UF4001GP Datasheet HTML 2Page - Micro Commercial Components UF4001GP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UF4001GP thru UF4007GP
MCC
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
10
20
30
40
Pulse width 8.3ms
Single Half-Sine-Wave
(JEDEC METHOD)
FIG.1 - FORWARD CURRENT DERATING CURVE
25
75
100
125
150
0.6
0.1
50
0.2
1.0
175
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
AMBIENT TEMPERATURE , C
0.8
0.4
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
2.0
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
0.2
0.4
1.2
1.4
1.0
10
100
0.6
0.8
1.0
0.1
1.8
1.6
TJ = 25 C
PULSE WIDTH 300us
UF4001GP-4004GP
UF4005GP- 4007GP
UF4004GP
FIG.3 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , VOLTS
10
1
100
100
10
1.0
UF4005GP- 4007GP
UF4001GP-4004GP
4
TJ = 25 C, f = 1MHz
Revision:
A
20
11/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 3


Podobny numer części - UF4001GP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
UF4001GP MCC-UF4001GP Datasheet
290Kb / 2P
   1 Amp Glass Passivated Ultra Fast Recovery Rectifier 50 to 1000 Volts
logo
Microsemi Corporation
UF4001GP MICROSEMI-UF4001GP Datasheet
105Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
logo
Shanghai Lunsure Electr...
UF4001GP CHENYI-UF4001GP Datasheet
256Kb / 2P
   1Amp glass passivated ultra fast recovery rectifier 50to1000 volts
More results

Podobny opis - UF4001GP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
UF4001GP MCC-UF4001GP Datasheet
290Kb / 2P
   1 Amp Glass Passivated Ultra Fast Recovery Rectifier 50 to 1000 Volts
UF5400GP MCC-UF5400GP_11 Datasheet
424Kb / 4P
   3 Amp Ultra Fast Glass Passivated Recovery Rectifier 50 to 1000 Volts
UF5400GP MCC-UF5400GP Datasheet
85Kb / 3P
   3 Amp Ultra Fast Glass Passivated Recovery Rectifier 50 to 1000 Volts
UF5400GP MCC-UF5400GP Datasheet
85Kb / 3P
   3 Amp Ultra Fast Glass Passivated Recovery Rectifier 50 to 1000 Volts
UF4001 MCC-UF4001 Datasheet
371Kb / 2P
   1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
FR601GP MCC-FR601GP_15 Datasheet
683Kb / 4P
   6 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR201GP MCC-FR201GP_11 Datasheet
448Kb / 4P
   2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR151GP MCC-FR151GP_11 Datasheet
757Kb / 4P
   1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FRA801G MCC-FRA801G Datasheet
489Kb / 3P
   8 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FRA801GF MCC-FRA801GF Datasheet
416Kb / 3P
   8 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com