Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC34H84IZAYR Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części DAC34H84IZAYR
Szczegółowy opis  Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC34H84IZAYR Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button DAC34H84IZAYR Datasheet HTML 6Page - Texas Instruments DAC34H84IZAYR Datasheet HTML 7Page - Texas Instruments DAC34H84IZAYR Datasheet HTML 8Page - Texas Instruments DAC34H84IZAYR Datasheet HTML 9Page - Texas Instruments DAC34H84IZAYR Datasheet HTML 10Page - Texas Instruments DAC34H84IZAYR Datasheet HTML 11Page - Texas Instruments DAC34H84IZAYR Datasheet HTML 12Page - Texas Instruments DAC34H84IZAYR Datasheet HTML 13Page - Texas Instruments DAC34H84IZAYR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
DAC34H84
SLAS751B
– MARCH 2011 – REVISED SEPTEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
– DIGITAL SPECIFICATIONS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVDS INPUTS: DAB[15:0]P/N, DCD[15:0]P/N, DATACLKP/N, ISTRP/N, SYNCP/N, PARITYCDP/N(1)
Logic high differential
VA,B+
input voltage
200
mV
threshold
Logic low differential
VA,B–
input voltage
–200
mV
threshold
VCOM
Input Common Mode
1.0
1.2
1.6
V
ZT
Internal termination
85
110
135
Ω
LVDS Input
CL
2
pF
capacitance
Interleaved LVDS
fINTERL
1250 MSPS
data transfer rate
fDATA
Input data rate
625 MSPS
CLOCK INPUT (DACCLKP/N)
Duty cycle
40%
60%
Differential voltage(2)
0.4
1.0
V
DACCLKP/N Input
1250
MHz
Frequency
OUTPUT STROBE (OSTRP/N)
fOSTR = fDACCLK / (n x 8 x Interp) where n is any positive
fDACCLK /
fOSTR
Frequency
integer,
(8 x
MHz
fDACCLK is DACCLK frequency in MHz
interp)
Duty cycle
50%
Differential voltage
0.4
1.0
V
CMOS INTERFACE: ALARM, SDO, SDIO, SCLK, SDENB, SLEEP, RESETB, TXENA
High-level input
0.7 x
VIH
V
voltage
IOVDD2
Low-level input
0.3 x
VIL
V
voltage
IOVDD2
High-level input
IIH
-40
40
µA
current
Low-level input
IIL
-40
40
µA
current
CMOS Input
CI
2
pF
capacitance
IOVDD2
Iload = –100 μA
V
0.2
VOH
ALARM, SDO, SDIO
0.8 x
Iload = –2 mA
V
IOVDD2
Iload = 100 μA
0.2
V
VOL
ALARM, SDO, SDIO
Iload = 2 mA
0.5
V
(1)
See LVDS INPUTS section for terminology.
(2)
Driving the clock input with a differential voltage lower than 1 V may result in degraded performance.
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC34H84


Podobny numer części - DAC34H84IZAYR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC34H84IZAYR TI1-DAC34H84IZAYR Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
More results

Podobny opis - DAC34H84IZAYR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com