Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC34H84IZAY Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części DAC34H84IZAY
Szczegółowy opis  Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC34H84IZAY Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button DAC34H84IZAY Datasheet HTML 7Page - Texas Instruments DAC34H84IZAY Datasheet HTML 8Page - Texas Instruments DAC34H84IZAY Datasheet HTML 9Page - Texas Instruments DAC34H84IZAY Datasheet HTML 10Page - Texas Instruments DAC34H84IZAY Datasheet HTML 11Page - Texas Instruments DAC34H84IZAY Datasheet HTML 12Page - Texas Instruments DAC34H84IZAY Datasheet HTML 13Page - Texas Instruments DAC34H84IZAY Datasheet HTML 14Page - Texas Instruments DAC34H84IZAY Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
DAC34H84
www.ti.com
SLAS751B
– MARCH 2011 – REVISED SEPTEMBER 2011
ELECTRICAL CHARACTERISTICS
– DIGITAL SPECIFICATIONS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT TIMING SPECIFICATIONS
Timing LVDS inputs: DAB[15:0]P/N, DCD[15:0]P/N, ISTRP/N, SYNCP/N, PARITYCDP/N, double edge latching
Config36 Setting
datadly
clkdly
0
0
150
0
1
100
0
2
50
0
3
0
Setup time,
0
4
–50
DAB[15:0]P/N,
0
5
–100
DCD[15:0]P/N,
ISTRP/N and SYNCP/N reset latched
ts(DATA)
ISTRP/N, SYNCP/N,
0
6
–150
ps
only on rising edge of DATACLKP/N
and PARITYCDP/N,
0
7
–200
valid to either edge of
1
0
200
DATACLKP/N
2
0
250
3
0
300
4
0
350
5
0
400
6
0
450
7
0
500
Config36 Setting
datadly
clkdly
0
0
400
0
1
450
0
2
500
0
3
550
Hold time,
0
4
600
DAB[15:0]P/N,
0
5
650
DCD[15:0]P/N,
ISTRP/N and SYNCP/N reset latched
th(DATA)
ISTRP/N, SYNCP/N
0
6
700
ps
only on rising edge of DATACLKP/N
and PARITYCDP/N
0
7
750
valid after either edge
1
0
350
of DATACLKP/N
2
0
300
3
0
250
4
0
200
5
0
150
6
0
100
7
0
50
ISTRP/N and
t(ISTR_SYNC)
fDATACLK is DATACLK frequency in MHz
1/2fDATACLK
ns
SYNCP/N pulse width
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): DAC34H84


Podobny numer części - DAC34H84IZAY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC34H84IZAY TI1-DAC34H84IZAY Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84IZAYR TI1-DAC34H84IZAYR Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
More results

Podobny opis - DAC34H84IZAY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com