Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM3872BCYE80 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części AM3872BCYE80
Szczegółowy opis  AM387x Sitara ARM Microprocessors (MPUs)
Download  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

AM3872BCYE80 Arkusz danych(HTML) 3 Page - Texas Instruments

  AM3872BCYE80 Datasheet HTML 1Page - Texas Instruments AM3872BCYE80 Datasheet HTML 2Page - Texas Instruments AM3872BCYE80 Datasheet HTML 3Page - Texas Instruments AM3872BCYE80 Datasheet HTML 4Page - Texas Instruments AM3872BCYE80 Datasheet HTML 5Page - Texas Instruments AM3872BCYE80 Datasheet HTML 6Page - Texas Instruments AM3872BCYE80 Datasheet HTML 7Page - Texas Instruments AM3872BCYE80 Datasheet HTML 8Page - Texas Instruments AM3872BCYE80 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
1.3
Description
AM387x Sitara
™ ARM® MPUs are a highly-integrated, programmable platform that leverages TI’s
Sitara
™ Microprocessor technology to meet the processing needs of the following applications:
Single-Board Computing, Network and Communications Processing, Industrial Automation, Human
Machine Interface, and Interactive Point-of-Service/Information Kiosks, and Portable Data Terminals.
The device enables Original-Equipment Manufacturers (OEMs) and Original-Design Manufacturers
(ODMs) to quickly bring to market devices featuring robust operating systems support, rich user interfaces,
and high processing performance through the maximum flexibility of a fully integrated mixed processor
solution. The device also combines programmable ARMprocessing with a highly integrated peripheral set.
The AM387x Sitara
™ ARM® MPUs also present OEMs and ODMs with new levels of processor scalability
and software reuse. An OEM or ODM that used the AM387x MPU in a design and sees an opportunity to
make a similar product with added features could scale up to the pin-compatible and software-compatible
TMS320DM814x processors from Texas Instruments (TI). The TMS320DM814x DaVinci
™ Digital Media
processors add a powerful C674x
™ core DSP along with a video encoder/decoder to the hardware on the
AM38x. Additionally, OEMs or ODMs that have used the AM387x or DM814x processors and find a need
for a faster ARM and/or DSP core performance could scale up to the software-compatible AM389x,
TMS320C6A816x, or TMS320DM816x devices with higher core speeds.
Programmability is provided by an ARM Cortex
™-A8 RISC CPU with Neon™ extension. The ARM allows
developers to keep control functions separate from algorithms programmed on coprocessors, thus
reducing the complexity of the system software. The ARM Cortex
™-A8 32-bit RISC microprocessor with
Neon
™ floating-point extension includes: 32 Kbytes (KB) of Instruction cache; 32KB of Data cache;
512KB of L2 Cache; 48KB of Boot ROM; and 64KB of RAM.
The rich peripheral set provides the ability to control external peripheral devices and communicate with
external processors. For details on each of the peripherals, see the related sections in this document and
the associated peripheral reference guides. The peripheral set includes: HD Video Processing Subsystem;
Dual Port Gigabit Ethernet MACs (10/100/1000 Mbps) [Ethernet Switch] with MII/RMII/GMII/RGMII and
MDIO interface supporting IEEE-1588 Time-Stamping and Industrial Ethernet Protocols; two USB ports
with integrated 2.0 PHY; PCIe x1 GEN2 Compliant interface; two 10-serializer McASP audio serial ports
(with DIT mode); four quad-serilaizer McASP audio serial ports (with DIT mode); one McBSP multichannel
buffered serial port; six UARTs with IrDA and CIR support; four SPI serial interfaces; three MMC/SD/SDIO
serial interfaces; four I2C master/slave interfaces; a Parallel Camera Interface (CAM); up to
128 General-Purpose IOs (GPIOs); eight 32-bit general-purpose timers; System watchdog timer; Dual
LPDDR/DDR2/DDR3 SDRAM interfaces; flexible 8/16-bit asynchronous memory interface; two Controller
Area Network (DCAN) modules; a Spin Lock; Mailbox; and Serial Hard Disk Drive Interface (SATA 300).
The AM387x Sitara
™ ARM® MPUs also include a SGX530 3D graphics engine to off-load many graphics
processing tasks from the ARM core, making more ARM MIPS available for common processing tasks on
algorithms. Additionally, it has a complete set of development tools for the ARM which include C compilers
and a Microsoft
® Windows™ debugger interface for visibility into source code execution.
Copyright
© 2011, Texas Instruments Incorporated
High-Performance System-on-Chip (SoC)
3
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871


Podobny numer części - AM3872BCYE80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AM3871CCYE100 TI1-AM3871CCYE100 Datasheet
2Mb / 358P
[Old version datasheet]   Sitara ARM Processors
AM3871CCYE80 TI1-AM3871CCYE80 Datasheet
2Mb / 358P
[Old version datasheet]   Sitara ARM Processors
AM3874 TI-AM3874 Datasheet
1Mb / 361P
[Old version datasheet]   AM387x Sitara??ARM Processors
AM3874BCYE80 TI1-AM3874BCYE80 Datasheet
2Mb / 358P
[Old version datasheet]   Sitara ARM Processors
AM3874CCYE80 TI1-AM3874CCYE80 Datasheet
2Mb / 358P
[Old version datasheet]   Sitara ARM Processors
More results

Podobny opis - AM3872BCYE80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3894 TI1-AM3894_15 Datasheet
2Mb / 313P
[Old version datasheet]   Sitara ARM Microprocessors
AM3874 TI-AM3874_15 Datasheet
1Mb / 361P
[Old version datasheet]   AM387x Sitara??ARM Processors
AM3715CBP TI-AM3715CBP Datasheet
2Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
AM3715 TI1-AM3715_17 Datasheet
3Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
AM3703 TI1-AM3703 Datasheet
3Mb / 280P
[Old version datasheet]   AM3715, AM3703 Sitara ARM Microprocessors
AM3359 TI1-AM3359 Datasheet
1Mb / 162P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI-AM3359_13 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More