Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM3874BCYEA80 Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części AM3874BCYEA80
Szczegółowy opis  AM387x Sitara ARM Microprocessors (MPUs)
Download  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

AM3874BCYEA80 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button AM3874BCYEA80 Datasheet HTML 6Page - Texas Instruments AM3874BCYEA80 Datasheet HTML 7Page - Texas Instruments AM3874BCYEA80 Datasheet HTML 8Page - Texas Instruments AM3874BCYEA80 Datasheet HTML 9Page - Texas Instruments AM3874BCYEA80 Datasheet HTML 10Page - Texas Instruments AM3874BCYEA80 Datasheet HTML 11Page - Texas Instruments AM3874BCYEA80 Datasheet HTML 12Page - Texas Instruments AM3874BCYEA80 Datasheet HTML 13Page - Texas Instruments AM3874BCYEA80 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 345 page
background image
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
Thumb-2 Instruction Set
Jazelle RCT Acceleration
CP14 Debug Coprocessor
CP15 System Control Coprocessor
NEON
™ 64-/128-bit Hybrid SIMD Engine for Multimedia
Enhanced VFPv3 Floating-Point Coprocessor
Enhanced Memory Management Unit (MMU)
Separate Level-1 Instruction and Data Caches
Integrated Level-2 Cache
128-bit Interconnector-to-System Memories and Peripherals
Embedded Trace Module (ETM).
2.4.2
Embedded Trace Module (ETM)
To support real-time trace, the ARM Cortex-A8 processor provides an interface to enable connection of an
embedded trace module (ETM). The ETM consists of two parts:
The Trace port which provides real-time trace capability for the ARM Cortex-A8.
Triggering facilities that provide trigger resources, which include address and data comparators,
counter, and sequencers.
The ARM Cortex-A8 trace port is not pinned out and is, instead, only connected to the system-level
Embedded Trace Buffer (ETB). The ETB has a 32KB buffer memory. ETB enabled debug tools are
required to read/interpret the captured trace data.
For more details on the ETM, see Section 8.5.2, Trace.
2.4.3
ARM Cortex-A8 Interrupt Controller (AINTC)
The ARM Cortex-A8 subsystem contains an interrupt controller (AINTC) that prioritizes all service requests
from the system peripherals and generates either IRQ or FIQ to the ARM Cortex-A8 processor. For more
details on the AINTC, see Section 7.5.1, ARM Cortex-A8 Interrupts.
2.4.4
ARM Cortex-A8 PLL (PLL_ARM)
The ARM Cortex-A8 subsystem contains an embedded PLL Controller (PLL_ARM) for generating the
subsystem
’s clocks from the DEV Clock input. For more details on the PLL_ARM, see Section 7.4,
Clocking.
2.4.5
ARM MPU Interconnect
The ARM Cortex-A8 processor is connected through the arbiter to both an L3 interconnect port and a
DMM port. The DMM port is 128-bits wide and provides the ARM Cortex-A8 direct access to the DDR
memories, while the L3 interconnect port is 64-bits wide and provides access to the remaining device
modules.
10
Device Overview
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871


Podobny numer części - AM3874BCYEA80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AM3874BCYE80 TI1-AM3874BCYE80 Datasheet
2Mb / 358P
[Old version datasheet]   Sitara ARM Processors
More results

Podobny opis - AM3874BCYEA80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3894 TI1-AM3894_15 Datasheet
2Mb / 313P
[Old version datasheet]   Sitara ARM Microprocessors
AM3874 TI-AM3874_15 Datasheet
1Mb / 361P
[Old version datasheet]   AM387x Sitara??ARM Processors
AM3715CBP TI-AM3715CBP Datasheet
2Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
AM3715 TI1-AM3715_17 Datasheet
3Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
AM3703 TI1-AM3703 Datasheet
3Mb / 280P
[Old version datasheet]   AM3715, AM3703 Sitara ARM Microprocessors
AM3359 TI1-AM3359 Datasheet
1Mb / 162P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI-AM3359_13 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com