Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM25H20-DGTR Arkusz danych(PDF) 9 Page - Ramtron International Corporation

Numer części FM25H20-DGTR
Szczegółowy opis  2Mb Serial 3V F-RAM Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RAMTRON [Ramtron International Corporation]
Strona internetowa  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25H20-DGTR Arkusz danych(HTML) 9 Page - Ramtron International Corporation

Back Button FM25H20-DGTR Datasheet HTML 5Page - Ramtron International Corporation FM25H20-DGTR Datasheet HTML 6Page - Ramtron International Corporation FM25H20-DGTR Datasheet HTML 7Page - Ramtron International Corporation FM25H20-DGTR Datasheet HTML 8Page - Ramtron International Corporation FM25H20-DGTR Datasheet HTML 9Page - Ramtron International Corporation FM25H20-DGTR Datasheet HTML 10Page - Ramtron International Corporation FM25H20-DGTR Datasheet HTML 11Page - Ramtron International Corporation FM25H20-DGTR Datasheet HTML 12Page - Ramtron International Corporation FM25H20-DGTR Datasheet HTML 13Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
FM25H20 - 2Mb SPI FRAM
Rev. 2.2
Sept. 2010
Page 9 of 15
Endurance
The FM25H20 is capable of being accessed at least
1014 times, reads or writes. An F-RAM memory
operates with a read and restore mechanism.
Therefore, an endurance cycle is applied on a row
basis for each access (read or write) to the memory
array. The F-RAM architecture is based on an array
of rows and columns. Rows are defined by A17-A3
and column addresses by A2-A0.
See Block
Diagram (pg 2) which shows the array as 32K rows
of 64-bits each. The entire row is internally accessed
each time a byte in that row is read or written. All 8
bytes in the row are counted separately for each
access in an endurance calculation. The table below
shows endurance calculations for 256-byte repeating
loop, which includes an op-code, a starting address (3
bytes), and a sequential 256-byte data stream. This
causes each byte to experience eight endurance
cycles through the loop. F-RAM read and write
endurance is very high even at 40MHz clock rate.
Table 5. Time to Reach 100 Trillion Cycles for Repeating 256-byte Loop
SCK Freq
(MHz)
Endurance
Cycles/sec.
Endurance
Cycles/year
Years to Reach
1014 Cycles
40
153,848
4.85 x 1012
20.6
20
76,924
2.43 x 1012
41.2
10
38,462
1.21 x 1012
82.4
5
19,231
6.06 x 1011
164.8


Podobny numer części - FM25H20-DGTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
FM25H20-DGTR CYPRESS-FM25H20-DGTR Datasheet
438Kb / 16P
   2Mb Serial 3V F-RAM Memory
More results

Podobny opis - FM25H20-DGTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
FM25H20 CYPRESS-FM25H20 Datasheet
438Kb / 16P
   2Mb Serial 3V F-RAM Memory
FM25V20 CYPRESS-FM25V20 Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V20 RAMTRON-FM25V20 Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com