Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM25L04B Arkusz danych(PDF) 2 Page - Ramtron International Corporation

Numer części FM25L04B
Szczegółowy opis  4Kb Serial 3V F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RAMTRON [Ramtron International Corporation]
Strona internetowa  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25L04B Arkusz danych(HTML) 2 Page - Ramtron International Corporation

  FM25L04B Datasheet HTML 1Page - Ramtron International Corporation FM25L04B Datasheet HTML 2Page - Ramtron International Corporation FM25L04B Datasheet HTML 3Page - Ramtron International Corporation FM25L04B Datasheet HTML 4Page - Ramtron International Corporation FM25L04B Datasheet HTML 5Page - Ramtron International Corporation FM25L04B Datasheet HTML 6Page - Ramtron International Corporation FM25L04B Datasheet HTML 7Page - Ramtron International Corporation FM25L04B Datasheet HTML 8Page - Ramtron International Corporation FM25L04B Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
FM25L04B - 4Kb 3V SPI F-RAM
Rev. 1.3
Feb. 2011
Page 2 of 14
Instruction Decode
Clock Generator
Control Logic
Write Protect
Instruction Register
Address Register
Counter
64 x 64
FRAM Array
9
Data I/O Register
8
Nonvolatile Status
Register
3
WP
CS
HOLD
SCK
SO
SI
Figure 1. Block Diagram
Pin Descriptions
Pin Name
I/O
Description
/CS
Input
Chip Select: This active low input activates the device. When high, the device enters
low-power standby mode, ignores other inputs, and all outputs are tri-stated. When
low, the device internally activates the SCK signal. A falling edge on /CS must occur
prior to every op-code.
SCK
Input
Serial Clock: All I/O activity is synchronized to the serial clock. Inputs are latched on
the rising edge and outputs occur on the falling edge. Since the device is static, the
clock frequency may be any value between 0 and 20 MHz and may be interrupted at
any time.
/HOLD
Input
Hold: The /HOLD pin is used when the host CPU must interrupt a memory operation
for another task. When /HOLD is low, the current operation is suspended. The device
ignores any transition on SCK or /CS. All transitions on /HOLD must occur while
SCK is low.
/WP
Input
Write Protect: This active low pin prevents write operations to the memory array or
the status register. A complete explanation of write protection is provided below.
SI
Input
Serial Input: All data is input to the device on this pin. The pin is sampled on the
rising edge of SCK and is ignored at other times. It should always be driven to a valid
logic level to meet IDD specifications.
* SI may be connected to SO for a single pin data interface.
SO
Output
Serial Output: This is the data output pin. It is driven during a read and remains tri-
stated at all other times including when /HOLD is low. Data transitions are driven on
the falling edge of the serial clock.
* SO may be connected to SI for a single pin data interface.
VDD
Supply
Power Supply (2.7V to 3.6V)
VSS
Supply
Ground


Podobny numer części - FM25L04B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
FM25L04B CYPRESS-FM25L04B Datasheet
469Kb / 14P
   4Kb Serial 3V F-RAM Memory
FM25L04B CYPRESS-FM25L04B Datasheet
412Kb / 14P
   4Kb Serial 3V F-RAM Memory
FM25L04B-DG CYPRESS-FM25L04B-DG Datasheet
469Kb / 14P
   4Kb Serial 3V F-RAM Memory
FM25L04B-DGTR CYPRESS-FM25L04B-DGTR Datasheet
469Kb / 14P
   4Kb Serial 3V F-RAM Memory
FM25L04B-G CYPRESS-FM25L04B-G Datasheet
469Kb / 14P
   4Kb Serial 3V F-RAM Memory
More results

Podobny opis - FM25L04B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
FM24CL04B CYPRESS-FM24CL04B_13 Datasheet
325Kb / 13P
   4Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL04B RAMTRON-FM24CL04B Datasheet
287Kb / 12P
   4Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25L04B CYPRESS-FM25L04B Datasheet
412Kb / 14P
   4Kb Serial 3V F-RAM Memory
FM24CL04B CYPRESS-FM24CL04B Datasheet
334Kb / 12P
   4Kb Serial 3V F-RAM Memory
FM25L04B CYPRESS-FM25L04B Datasheet
469Kb / 14P
   4Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25040B RAMTRON-FM25040B Datasheet
313Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B CYPRESS-FM25040B Datasheet
449Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04B CYPRESS-FM24C04B_13 Datasheet
324Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25040C RAMTRON-FM25040C Datasheet
266Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04C RAMTRON-FM24C04C Datasheet
261Kb / 12P
   4Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com