Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1179N Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części 2SA1179N
Szczegółowy opis  Low-Frequency General-Purpose Amp Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA1179N Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  2SA1179N Datasheet HTML 1Page - Sanyo Semicon Device 2SA1179N Datasheet HTML 2Page - Sanyo Semicon Device 2SA1179N Datasheet HTML 3Page - Sanyo Semicon Device 2SA1179N Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA1179N / 2SC2812N
No.7198-1/4
Features
Miniature package facilitates miniaturization in end products.
High breakdown voltage.
Specifications ( ) : 2SA1179N
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)55
V
Collector-to-Emitter Voltage
VCEO
(--)50
V
Emitter-to-Base Voltage
VEBO
(--)5
V
Collector Current
IC
(--)150
mA
Collector Current (Pulse)
ICP
(--)300
mA
Base Current
IB
(--)30
mA
Collector Dissipation
PC
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=(--)35V, IE=0A
(--)0.1
µA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)0.1
µA
DC Current Gain
hFE
VCE=(--)6V, IC=(--)1mA
200
400
Gain-Bandwidth Product
fT
2SC2812N : VCE=6V, IC=1mA
100
MHz
2SA1179N : VCE=--6V, IC=--10mA
(180)
MHz
Output Capacitance
Cob
VCB=(--)6V, f=1MHz
(4.0)3.0
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)50mA, IB=(--)5mA
(--0.15)0.1
(--)0.5
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=(--)50mA, IB=(--)5mA
(--)1.0
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10µA, IE=0A
(--)55
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10µA, IC=0A
(--)5
V
Marking : 2SA1179N : M / 2SC2812N : L
* : The 2SA1179N / 2SC2812N are classified by 1mA hFE as follws:
Rank
6
hFE
200 to 400
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : EN7198A
92006 MS IM TC-00000143,00000144 / 72602 TS IM TA-2636, 2637
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
SANYO Semiconductors
DATA SHEET
2SA1179N / 2SC2812N
PNP / NPN Epitaxial Planar Silicon Transistors
Low-Frequency General-Purpose
Amp Applications


Podobny numer części - 2SA1179N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
2SA1179N SANYO-2SA1179N Datasheet
41Kb / 3P
   2SA1179N
2SA1179N SANYO-2SA1179N Datasheet
433Kb / 7P
   Low-Frequency General-Purpose Amp Applications
logo
ON Semiconductor
2SA1179N6-CPA-TB-E ONSEMI-2SA1179N6-CPA-TB-E Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
2SA1179N6-TB-E ONSEMI-2SA1179N6-TB-E Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
logo
Sanyo Semicon Device
2SA1179N SANYO-2SA1179N_12 Datasheet
433Kb / 7P
   Low-Frequency General-Purpose Amp Applications
More results

Podobny opis - 2SA1179N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
2SA1701 SANYO-2SA1701 Datasheet
119Kb / 4P
   Low-Frequency General-Purpose Amp Applications????
2SA1881 SANYO-2SA1881 Datasheet
123Kb / 4P
   Low-Frequency General-Purpose Amp Applications?
2SB1295 SANYO-2SB1295 Datasheet
114Kb / 4P
   Low-Frequency General-Purpose Amp Applications???
FC117 SANYO-FC117 Datasheet
75Kb / 3P
   Low-Frequency General-Purpose Amp Applications
FC118 SANYO-FC118 Datasheet
77Kb / 3P
   Low-Frequency General-Purpose Amp Applications
2SC4413 SANYO-2SC4413 Datasheet
82Kb / 3P
   Low-Frequency General-Purpose Amp Applications??????????
2SA1687 SANYO-2SA1687 Datasheet
118Kb / 4P
   Low-Frequency General-Purpose Amp Applications???
2SA1745 SANYO-2SA1745 Datasheet
106Kb / 4P
   Low-Frequency General-Purpose Amp Applications
2SA1882 SANYO-2SA1882 Datasheet
124Kb / 4P
   Low-Frequency General-Purpose Amp Applications?
2SA1179N SANYO-2SA1179N_12 Datasheet
433Kb / 7P
   Low-Frequency General-Purpose Amp Applications
2SK303 SANYO-2SK303 Datasheet
86Kb / 3P
   Low-Frequency General-Purpose Amp Applications
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com