Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM31256 Arkusz danych(PDF) 2 Page - Ramtron International Corporation

Numer części FM31256
Szczegółowy opis  Integrated Processor Companion with Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RAMTRON [Ramtron International Corporation]
Strona internetowa  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM31256 Arkusz danych(HTML) 2 Page - Ramtron International Corporation

  FM31256 Datasheet HTML 1Page - Ramtron International Corporation FM31256 Datasheet HTML 2Page - Ramtron International Corporation FM31256 Datasheet HTML 3Page - Ramtron International Corporation FM31256 Datasheet HTML 4Page - Ramtron International Corporation FM31256 Datasheet HTML 5Page - Ramtron International Corporation FM31256 Datasheet HTML 6Page - Ramtron International Corporation FM31256 Datasheet HTML 7Page - Ramtron International Corporation FM31256 Datasheet HTML 8Page - Ramtron International Corporation FM31256 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
FM3104/16/64/256
Rev. 2.1
Sept. 2011
Page 2 of 26
A general-purpose comparator compares an external
input pin to the onboard 1.2V reference. This is
useful for generating a power-fail interrupt (NMI) but
can be used for any purpose. The family also includes
a programmable 64-bit serial number that can be
locked making it unalterable. Additionally it offers a
dual battery-backed event counter that tracks the
number of rising or falling edges detected on
dedicated input pins.
Pin Configuration
Pin Name
Function
CNT1, CNT2
Event Counter Inputs
A0, A1
Device Select inputs
CAL/PFO
Clock Calibration and Early
Power-Fail Output
/RST
Reset Input/Output
PFI
Early Power-fail Input
X1, X2
Crystal Connections
SDA
Serial Data
SCL
Serial Clock
VBAK
Battery-Backup Supply
VDD
Supply Voltage
VSS
Ground
Ordering Information
Base Configuration
Memory Size
Operating Voltage
Reset Threshold
Ordering Part Number
FM31256
256Kb
2.7-5.5V
2.6V, 2.9, 3.9, 4.4V
FM31256-G
256Kb
2.7-5.5V
2.6V, 2.9, 3.9, 4.4V
FM31256-GTR (tape&reel)
FM3164
64Kb
2.7-5.5V
2.6V, 2.9, 3.9, 4.4V
FM3164-G
64Kb
2.7-5.5V
2.6V, 2.9, 3.9, 4.4V
FM3164-GTR (tape&reel)
FM3116 *
16Kb
2.7-5.5V
2.6V, 2.9, 3.9, 4.4V
FM3116-G
16Kb
2.7-5.5V
2.6V, 2.9, 3.9, 4.4V
FM3116-GTR (tape&reel)
FM3104 *
4Kb
2.7-5.5V
2.6V, 2.9, 3.9, 4.4V
FM3104-G
4Kb
2.7-5.5V
2.6V, 2.9, 3.9, 4.4V
FM3104-GTR (tape&reel)
* The FM3116 and FM3104 devices are EOL as of Sept. 2011.
VDD
VBAK
SCL
SDA
VSS
X1
X2
CAL/PFO
CNT1
PFI
RST
A0
A1
CNT2
1
2
3
4
5
6
7
14
13
12
11
10
9
8


Podobny numer części - FM31256

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FM31256 ETC1-FM31256 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
FM31256 RAMTRON-FM31256 Datasheet
1Mb / 8P
   Nonvolatile F-RAM Memory Module (TWR-FRAM)
logo
Cypress Semiconductor
FM31256 CYPRESS-FM31256 Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256 CYPRESS-FM31256 Datasheet
579Kb / 33P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
More results

Podobny opis - FM31256

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31278 CYPRESS-FM31278 Datasheet
862Kb / 26P
   5V Integrated Processor Companion with Memory
logo
Ramtron International C...
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com