Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA6358NJ Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LA6358NJ
Szczegółowy opis  High-Performance Dual Operational Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6358NJ Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LA6358NJ Datasheet HTML 1Page - Sanyo Semicon Device LA6358NJ Datasheet HTML 2Page - Sanyo Semicon Device LA6358NJ Datasheet HTML 3Page - Sanyo Semicon Device LA6358NJ Datasheet HTML 4Page - Sanyo Semicon Device LA6358NJ Datasheet HTML 5Page - Sanyo Semicon Device LA6358NJ Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
92706 / 40506 MS OT 20051206-S00002 No.A0289-1/6
LA6358NJ
Overview
The LA6358NJ is a high-performance dual operational amplifier that can operate from a single voltage power supply.
It features a built-in phase correction circuit. It can also operate from a dual power supply with both positive and negative
levels and features low power consumption. The LA6358NJ can be used in a wide range of industrial applications as a
transducer amplifier for all types of transducers, as a DC amplifier circuit, and for other purposes as well.
Functions
• High-performance dual operational amplifier
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
32
V
Differential input voltage
VID
32
V
Maximum input voltage
VIN max
-0.3 to +32
V
Allowable power dissipation
Pd max
Ta
≤25°C
570
mW
Operating temperature
Topg
-40 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
Recommended Operating Conditions at Ta = -40 to +85
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VCC
3
24
V
Ordering number : ENA0289
Monolithic Linear IC
High-Performance Dual
Operational Amplifier
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


Podobny numer części - LA6358NJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA6358NJM SANYO-LA6358NJM Datasheet
324Kb / 6P
   High-Performance Dual Operational Amplifier
More results

Podobny opis - LA6358NJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA6358AM SANYO-LA6358AM Datasheet
175Kb / 6P
   High-Performance Dual Operational Amplifier
logo
Texas Instruments
RC4559 TI-RC4559 Datasheet
29Kb / 3P
[Old version datasheet]   DUAL HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
PC4558 RENESAS-PC4558_15 Datasheet
316Kb / 13P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER
logo
Sanyo Semicon Device
LA6358NM SANYO-LA6358NM Datasheet
105Kb / 4P
   High-Performance Dual Operational Amplifier
logo
STMicroelectronics
LS204 STMICROELECTRONICS-LS204_08 Datasheet
327Kb / 16P
   High performance dual operational amplifier
logo
Sanyo Semicon Device
LA6358NMM SANYO-LA6358NMM_08 Datasheet
281Kb / 6P
   High-Performance Dual Operational Amplifier
logo
Texas Instruments
RC4559 TI1-RC4559_15 Datasheet
365Kb / 10P
[Old version datasheet]   DUAL HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
logo
Sanyo Semicon Device
LA6358NJM SANYO-LA6358NJM Datasheet
324Kb / 6P
   High-Performance Dual Operational Amplifier
logo
Renesas Technology Corp
UPC4558MF-DAA RENESAS-UPC4558MF-DAA Datasheet
321Kb / 11P
   High Performance Dual Operational Amplifier
Jul 25, 2012
logo
NEC
UPC4558 NEC-UPC4558 Datasheet
309Kb / 10P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER???
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com