Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BY500-100 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części BY500-100
Szczegółowy opis  Soft Recovery Fast Switching Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY500-100 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  BY500-100 Datasheet HTML 1Page - Vishay Siliconix BY500-100 Datasheet HTML 2Page - Vishay Siliconix BY500-100 Datasheet HTML 3Page - Vishay Siliconix BY500-100 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 88544
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 26-Oct-09
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
Soft Recovery Fast Switching Plastic Rectifier
BY500-100 thru BY500-800
Vishay General Semiconductor
FEATURES
• Fast switching for high efficiency
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Compliant
to
RoHS
directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in medium frequency rectification of switching mode
power
supplies,
inverters,
converters,
TV
sanning,
Ultrasonic-system, speed controlled DC motors, low RF
interference and freewheeling diode circuit.
Note
• These devices are not AEC-Q101 qualified.
MECHANICAL DATA
Case:
DO-201AD, molded epoxy body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity:
Color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
5.0 A
VRRM
100 V to 800 V
IFSM
200 A
trr
200 ns
IR
10 μA
VF
1.35 V
TJ max.
125 °C
DO-201AD
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL BY500-100 BY500-200 BY500-400 BY500-600 BY500-800
UNIT
Maximum repetitive peak reverse voltage
VRRM
100
200
400
600
800
V
Maximum RMS voltage
VRMS
70
140
280
420
560
V
Maximum DC blocking voltage
VDC
100
200
400
600
800
V
Maximum average forward rectified current
0.375" (9.5 mm) lead length at TL = 45 °C
IF(AV)
5.0
A
Peak forward surge current 10 ms single half
sine-wave superimposed on rated load at TA = 25 °C
IFSM
200
A
Maximum repetitive peak forward surge
IFRM
10
A
Operating junction temperature range
TJ
- 50 to + 125
°C
Storage temperature range
TSTG
- 50 to + 150
°C


Podobny numer części - BY500-100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
General Semiconductor
BY500-100 GE-BY500-100 Datasheet
44Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Diode Semiconductor Kor...
BY500-100 DSK-BY500-100 Datasheet
282Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
GOOD-ARK Electronics
BY500-100 GOOD-ARK-BY500-100 Datasheet
157Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Zibo Seno Electronic En...
BY500-100 ZSELEC-BY500-100 Datasheet
84Kb / 2P
   5.0A FAST RECOVERY DIODE
logo
Diotec Semiconductor
BY500-100 DIOTEC-BY500-100 Datasheet
199Kb / 2P
   Fast Silicon Rectifiers
More results

Podobny opis - BY500-100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
BY396 PANJIT-BY396_09 Datasheet
67Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
BY500-50 GOOD-ARK-BY500-50 Datasheet
157Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Shenzhen Luguang Electr...
BY500-1000 LUGUANG-BY500-1000 Datasheet
1Mb / 2P
   Soft Recovery Fast Switching Plastic Rectifier
logo
Transys Electronics
BY396 TRSYS-BY396 Datasheet
139Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BY396P VISHAY-BY396P Datasheet
68Kb / 4P
   Soft Recovery Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Pan Jit International I...
MR850 PANJIT-MR850_09 Datasheet
67Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BY396P VISHAY-BY396P_V01 Datasheet
79Kb / 4P
   Soft Recovery Fast Switching Plastic Rectifier
01-Jan-2022
logo
Shenzhen Luguang Electr...
BY500-50 LUGUANG-BY500-50 Datasheet
369Kb / 2P
   Soft Recovery Fast Switching Plastic Rectifier
logo
Vishay Siliconix
BY500-100 VISHAY-BY500-100_V01 Datasheet
74Kb / 4P
   Soft Recovery Fast Switching Plastic Rectifier
02-Oct-12
logo
General Semiconductor
BY500-100 GE-BY500-100 Datasheet
44Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com