Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BYM12-300 Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części BYM12-300
Szczegółowy opis  Surface Mount Glass Passivated Ultrafast Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYM12-300 Arkusz danych(HTML) 3 Page - Vishay Siliconix

  BYM12-300 Datasheet HTML 1Page - Vishay Siliconix BYM12-300 Datasheet HTML 2Page - Vishay Siliconix BYM12-300 Datasheet HTML 3Page - Vishay Siliconix BYM12-300 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 88581
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 15-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BYM12-50 thru BYM12-400, EGL41A thru EGL41G
Vishay General Semiconductor
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
10
1
50
1.8
T
J = 150 °C
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
Instantaneous Forward Voltage (V)
EGL41A thru EGL41D
EGL41F thru EGL41G
60
40
20
0
100
80
0.01
0.1
10
1
100
1000
T
J = 100 °C
T
J = 150 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
Reverse Voltage (V)
0.1
10
1
100
20
10
30
40
50
60
70
0
EGL41A thru EGL41D
EGL41F thru EGL41G
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.01
0.1
10
1
100
100
10
1
0.1
t - Pulse Duration (s)
D1 =
0.105
0.095
(2.67)
(2.41)
+ 0
- 0.008 (0.20)
D2
DO-213AB (GL41)
Solderable Ends
1
st Band
D2 = D1
1st Band Denotes Type and Positive End (Cathode)
0.138 (3.5)
MAX.
0.049 (1.25)
MIN.
0.118 (3.0)
MIN.
0.238 (6.0)
REF.
Mounting Pad Layout
0.022 (0.56)
0.018 (0.46)
0.022 (0.56)
0.018 (0.46)
0.205 (5.2)
0.185 (4.7)


Podobny numer części - BYM12-300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
General Semiconductor
BYM12-300 GE-BYM12-300 Datasheet
65Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST EFFICIENT RECTIFIER
logo
Vishay Siliconix
BYM12-300 VISHAY-BYM12-300 Datasheet
109Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 27-Aug-07
More results

Podobny opis - BYM12-300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
EGF1T VISHAY-EGF1T_11 Datasheet
82Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
BYM07-50 VISHAY-BYM07-50_11 Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
logo
Shenzhen Taychipst Elec...
EGF1T TAYCHIPST-EGF1T Datasheet
2Mb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
logo
SEMTECH ELECTRONICS LTD...
EGL34A SEMTECH_ELEC-EGL34A Datasheet
337Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ULTRAFAST RECTIFIER
logo
Shenzhen Luguang Electr...
BYM07-50 LUGUANG-BYM07-50 Datasheet
328Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
EGL34D LUGUANG-EGL34D Datasheet
105Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
EGL34F LUGUANG-EGL34F Datasheet
105Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
logo
Vishay Siliconix
BYM07-XXX VISHAY-BYM07-XXX Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 11-Dec-13
EGL34X VISHAY-EGL34X Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 11-Dec-13
EGF1A VISHAY-EGF1A_11 Datasheet
82Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
EGF1A VISHAY-EGF1A_15 Datasheet
92Kb / 5P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 16-Aug-13
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com