Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA7161BM Arkusz danych(PDF) 5 Page - Sanyo Semicon Device

Numer części LA7161BM
Szczegółowy opis  VHF Band RF Modulator (US3, 4ch, JPN1, 2ch,TWN13ch compatible)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7161BM Arkusz danych(HTML) 5 Page - Sanyo Semicon Device

  LA7161BM Datasheet HTML 1Page - Sanyo Semicon Device LA7161BM Datasheet HTML 2Page - Sanyo Semicon Device LA7161BM Datasheet HTML 3Page - Sanyo Semicon Device LA7161BM Datasheet HTML 4Page - Sanyo Semicon Device LA7161BM Datasheet HTML 5Page - Sanyo Semicon Device LA7161BM Datasheet HTML 6Page - Sanyo Semicon Device LA7161BM Datasheet HTML 7Page - Sanyo Semicon Device LA7161BM Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LA7161BM/BV
No.A0006-5/8
Continued from preceding page.
Pin No.
Symbol
Voltage
Equivalent circuit
Remarks
7
IN
XTAL
3.5
4MHz ossilator inserted between the circuit and GND.
External input of the 4MHz signal possible. Insertion of
about 270k
resister between the circuit and GND ensures
compatibility with 3.58MHz of VTR chroma.
TWN CH selector pinInsert a 270k resistor in a circuit to
VCC.
8
CH
1.7
CH selector pin
JP1:1.2V to 2.3V
0.8 or less
4.2 or more
US4:2.7V to 3.8V
*TWN CH
OPEN: REF OSC 4MHz
GND: REF OSC 3.58MHz
9
OSC1
OSC2
3.7
RF osillator pin
10
VCC2
5.0
RF VCO typ VCC
11
RF LPF
2.6
Control pin of output RF oscillator for the PLL phase
detector charge pump.
12
VCC 1
5.0
Continued on next page.
5pF 100
500
7
33k
17k
5k
8
100
9
10
100
10pF
10pF
3.5k
3.5k
12
1k
2.2V
2.8 V
1k
2k


Podobny numer części - LA7161BM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA7161BV SANYO-LA7161BV Datasheet
204Kb / 8P
   VHF Band RF Modulator (US3, 4ch, JPN1, 2ch, TWN13ch compatible)
More results

Podobny opis - LA7161BM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA7161BV SANYO-LA7161BV Datasheet
204Kb / 8P
   VHF Band RF Modulator (US3, 4ch, JPN1, 2ch, TWN13ch compatible)
LA79600GP SANYO-LA79600GP Datasheet
99Kb / 8P
   Monolithic Linear IC AV TRANSMITTER (US3, 4ch, JPN1, 2ch, TWN13ch compatible)
LA77000V SANYO-LA77000V Datasheet
209Kb / 8P
   Monolithic Linear IC VHF Band RF Modulator (US3, 4ch Compatible)
LA7161NV SANYO-LA7161NV_06 Datasheet
79Kb / 2P
   VHF Band RF Modulator (Supports US 3, 4ch, JPN 1, 2ch, TWN 13ch)
LA7160M SANYO-LA7160M Datasheet
39Kb / 3P
   VHF Band RF Modulator
LA7161V SANYO-LA7161V Datasheet
78Kb / 5P
   VHF Band RF Modulator
logo
New Japan Radio
NJM2519A NJRC-NJM2519A Datasheet
135Kb / 8P
   RF Modulator for VHF Band
NJM2536A NJRC-NJM2536A Datasheet
125Kb / 9P
   RF Modulator for VHF Band
logo
Sanyo Semicon Device
LA7172M SANYO-LA7172M Datasheet
68Kb / 3P
   UHF Band RF Modulator
LA7161NV SANYO-LA7161NV Datasheet
466Kb / 2P
   VHF Band RF Modulator(SUPPORTS US 3,4CH, JPN 1,2CH, TWN 13CH)
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com