Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA7795T Arkusz danych(PDF) 6 Page - Sanyo Semicon Device

Numer części LA7795T
Szczegółowy opis  AGC Amplifier with Step Gain Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7795T Arkusz danych(HTML) 6 Page - Sanyo Semicon Device

  LA7795T Datasheet HTML 1Page - Sanyo Semicon Device LA7795T Datasheet HTML 2Page - Sanyo Semicon Device LA7795T Datasheet HTML 3Page - Sanyo Semicon Device LA7795T Datasheet HTML 4Page - Sanyo Semicon Device LA7795T Datasheet HTML 5Page - Sanyo Semicon Device LA7795T Datasheet HTML 6Page - Sanyo Semicon Device LA7795T Datasheet HTML 7Page - Sanyo Semicon Device LA7795T Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LA7795T
No.8268-6/8
30
50
40
20
10
0
-10
-20
-30
-40
70
60
-0.5
4.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Gain - Vagc Characteristic
Vagc - V
30
50
40
20
10
0
-10
-20
-30
-40
70
60
-0.5
4.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Gain - Vagc Characteristic
Vagc - V
30
50
40
20
10
0
-10
-20
-30
-40
70
60
-0.5
4.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Gain - Vagc Characteristic
Vagc - V
35
25
20
15
30
10
5
0
40
10
15
25
20
30
40
35
45
55
50
60
70
65
15
25
20
30
40
35
45
55
50
60
65
15
25
20
30
40
35
45
55
50
60
65
Noise Figure - Gain Characteristic
Voltage Gain - dB
35
25
20
15
30
10
5
0
40
10
70
Noise Figure - Gain Characteristic
Voltage Gain - dB
35
25
20
15
30
10
5
0
40
10
70
Noise Figure - Gain Characteristic
Voltage Gain - dB
VCC = 5.0 V
PIN5 : OPEN, Frequency = 45 MHz
Circuit1
VCC = 5.0 V
PIN5 : VCC,
Frequency = 45 MHz
Circuit1
PIN5 : OPEN,
Circuit2
25
PIN5 : VCC,
Circuit2
85
25
PIN5 : GND,
Circuit2
85
25
VCC = 5.0 V
PIN5 : GND, Frequency = 45 MHz
Circuit1
-20
-20
-20


Podobny numer części - LA7795T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA7790M SANYO-LA7790M Datasheet
174Kb / 14P
   QPSK Transmitter for Cable TV
LA7791T SANYO-LA7791T Datasheet
69Kb / 4P
   For CATV/Cable Modem Variable Gain Controlled Amplifier
LA7793V SANYO-LA7793V Datasheet
71Kb / 4P
   With Driver amplifier for ADC AGC amplifier
LA7796T SANYO-LA7796T Datasheet
113Kb / 8P
   For Digital CATV/Cable Modem Receiver AGC Amplifier
More results

Podobny opis - LA7795T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA8128T SANYO-LA8128T Datasheet
187Kb / 6P
   Monolithic Linear IC AGC Amplifier with Step Gain Control
LA8120T SANYO-LA8120T Datasheet
177Kb / 8P
   Monolithic Linear IC AGC Amplifier with Step Gain Control
logo
LSI Computer Systems
LS7538 LSI-LS7538 Datasheet
26Kb / 4P
   TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
LS7541 LSI-LS7541 Datasheet
55Kb / 5P
   TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
LS7541 LSI-LS7541_07 Datasheet
355Kb / 6P
   TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
LS7540 LSI-LS7540 Datasheet
59Kb / 5P
   TOUCH CONTROL CONTINUOUS DIMMER with AUTOMATIC GAIN CONTROL (AGC)
logo
National Semiconductor ...
CLC520 NSC-CLC520 Datasheet
609Kb / 8P
   Amplifier with Voltage Controlled Gain, AGCAmp
logo
Analog Devices
AD8367S AD-AD8367S Datasheet
1Mb / 19P
   Variable Gain Amplifier with Automatic Gain Control Detector
logo
M/A-COM Technology Solu...
MAAM-009320 MA-COM-MAAM-009320_15 Datasheet
873Kb / 12P
   Variable Gain Amplifier with Analog Control
MAAM-009320-V1 MA-COM-MAAM-009320-V1 Datasheet
306Kb / 11P
   Variable Gain Amplifier with Analog Control
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com