Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA72670BM Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części LA72670BM
Szczegółowy opis  US multiplex modulation for VCR HiFi Sound Signal Processor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA72670BM Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  LA72670BM Datasheet HTML 1Page - Sanyo Semicon Device LA72670BM Datasheet HTML 2Page - Sanyo Semicon Device LA72670BM Datasheet HTML 3Page - Sanyo Semicon Device LA72670BM Datasheet HTML 4Page - Sanyo Semicon Device LA72670BM Datasheet HTML 5Page - Sanyo Semicon Device LA72670BM Datasheet HTML 6Page - Sanyo Semicon Device LA72670BM Datasheet HTML 7Page - Sanyo Semicon Device LA72670BM Datasheet HTML 8Page - Sanyo Semicon Device LA72670BM Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LA72670BM
No.A0644-2/20
Operating Conditions
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended operating
voltage 1
VCCH
9V
Recommended operating
voltage 2
VCCL
5V
Recommended always voltage
VCCA
5V
Allowable operating voltage 1
VCCH op1
8.5 to 9.5
V
Allowable operating voltage 2
VCCL op2
4.8 to 5.3
V
Allowable operating always
voltage
VCCA op3
4.5 to 5.5
V
Electrical Characteristics
at Ta
= 25°C, VCCH=9V, VCCL=5V, VCCA=5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Current dissipation
REC&EE 9V
ICCR1
No signal, Inflow current at Pin 3/54
G1D8D7:00
57
65
mA
Current dissipation EE 5V
ICCE1
No signal, Inflow current at Pin 15/32/36/46
G1D8D7:00
72
84
mA
Current dissipation REC
5V
ICCR2
No signal, Inflow current at Pin 15/32/36/46
G1D8D7:00, G1D4:1
100
115
mA
Current dissipation PB 9V
ICCP1
No signal, Inflow current at Pin 3/54
G1D8D7:01
11
13
mA
Current dissipation PB 5V
ICCP2
No signal, Inflow current at Pin 15/32/36/46
G1D8D7:01
85
97
mA
Current dissipation
always power supply
ICCAL
No signal, Inflow current at Pin 5,
Mute H at Pin 49
1.6
2
mA
[EE through] (LINE IN (EXT1,2,3) to LINE OUT), EE mode, f=1kHz, L/R-ch
Output level 1
VO1
VIN=-28.2dBV, Gain1 (G3 D4:0)
-7.5
-9
-10.5
dBV
Output level 2
VO2
VIN=-28.2dBV, Gain2 (G3 D4:1)
-6.5
-8
-9.5
dBV
Output distortion
THD
VIN=-28.2dBV, Gain1, 2
0.05
0.15
%
Channel gain difference
∆VO
VIN=-28.2dBV, Gain1, 2
-1
0
1
dB
Maximum output level
VOM
THD=1%, Gain1, 2
7
8.5
dBV
Output noise level
VNO
Rg=1k
Ω, JIS-A filter, Gain1
-89
-85
dBV
Mute attenuation value
MU
VIN=-18.2dBV
-91
-80
dB
Input switch cross-talk
CT
VIN=-18.2dBV
-75
-68
dB
[Normal output] (LINE IN(EXT1/2/3) to NORMAL OUT(Pin 6)), EE mode, f=1kHz,G1D8D7:00
Output level for Normal
VONOR
VIN=-28.2dBV
-22
-21
-20
dBV
[BS through] (BS, IN to LINE OUT), f=1kHz, G2D6:1
Output level
VOTH
VIN=-21.2dBV, Gain1 (G3D4:0)
-10.5
-9
-7.5
dBV
[RFC output] (NORMAL IN to RFC OUT), f=1kHz, G2D3D4:10, G4D7:0
Output level
VOR
VIN=-21.2dBV, G4D2:0
-11.0
-9.5
-8.0
dBV
Output distortion
THDR
VIN=-21.2dBV, G4D2:0
0.05
0.2
%
ALC level (1)
VOAR1
VIN=-11.2dBV, G4D2:0
-7.0
-5.5
-4.0
dBv
ALC distortion (1)
THDAR1
VIN=-11.2dBV, G4D2:0
0.3
0.5
%
ALC level (2)
VOAR2
VIN= -11.2dBV, G4D2:1
-3.0
-1.5
0
dBv
ALC distortion (2)
THDAR2
VIN= -11.2dBV, G4D2:1
0.3
0.5
%
[LINE AMP] (NORMAL IN to LINE OUT), EE mode, f=1kHz, Left channel and Right channel, G2D4D3:10
Line amp gain
GVL
Gain1 mode, VIN=-21dBV
11
12
13
dB
[REC system] (LINE IN to VCO OUT), f=1kHz, G1D4:1(REC_MODE), G1D3D2;O1(EXT1), G3D8;0(NTSC), G4D5D6;00
Free-running frequency L
fOL
Input no signal
1.294
1.300
1.306
MHz
Free-running frequency R
fOR
Input no signal
1.694
1.700
1.706
MHz
Standard frequency deviation
L&R
DEV
VIN=-28.2dBV
±46
±50
±54
kHz
Carrier output level Lch
VfoL
Non modulation
450
500
550
mVp-p
Continued on next page.


Podobny numer części - LA72670BM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA72648M SANYO-LA72648M Datasheet
461Kb / 2P
   PAL Hi-Fi Audio Signal Record and Playback Procissing
LA72648M SANYO-LA72648M Datasheet
152Kb / 2P
   PAL Hi-Fi Audio Signal Record
LA72648M SANYO-LA72648M Datasheet
152Kb / 2P
   PAL Hi-Fi Audio Signal Record and Playback Processing
LA72648M SANYO-LA72648M_06 Datasheet
152Kb / 2P
   PAL Hi-Fi Audio Signal Record
LA72648M SANYO-LA72648M_07 Datasheet
152Kb / 2P
   PAL Hi-Fi Audio Signal Record and Playback Processing
More results

Podobny opis - LA72670BM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
AN3672NFBP PANASONIC-AN3672NFBP Datasheet
229Kb / 29P
   Audio signal processor IC for HiFi VCR incorporating EIAJ sound multiplex system
logo
Sanyo Semicon Device
LA72680M SANYO-LA72680M Datasheet
329Kb / 21P
   JAPAN TV Sound Multiplex Demodulation HiFi Sound Signal Processor
logo
NEC
UPC1391H NEC-UPC1391H Datasheet
269Kb / 4P
   SOUND IF PROCESSOR FOR AUDIO MULTIPLEX TV
logo
Panasonic Semiconductor
AN3664NFB PANASONIC-AN3664NFB Datasheet
192Kb / 22P
   Single chip audio signal processing IC for HiFi VCR
AN3969K PANASONIC-AN3969K Datasheet
83Kb / 9P
   Electronic volume IC for HiFi VCR
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
logo
NTE Electronics
NTE1813 NTE-NTE1813 Datasheet
25Kb / 2P
   Integrated Circuit Color Signal Processor for VCR
logo
Sanyo Semicon Device
LA70100M SANYO-LA70100M_06 Datasheet
285Kb / 16P
   SECAM Chroma-Signal Processor IC for VCR
LA70100M SANYO-LA70100M_07 Datasheet
285Kb / 16P
   SECAM Chroma-Signal Processor IC for VCR
LA70100M SANYO-LA70100M Datasheet
612Kb / 16P
   SECAM CHROMA- SIGNAL PROCESSOR IC FOR VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com