Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA74310LP Arkusz danych(PDF) 6 Page - Sanyo Semicon Device

Numer części LA74310LP
Szczegółowy opis  Audio Interface for DSC Video Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA74310LP Arkusz danych(HTML) 6 Page - Sanyo Semicon Device

Back Button LA74310LP_08 Datasheet HTML 2Page - Sanyo Semicon Device LA74310LP_08 Datasheet HTML 3Page - Sanyo Semicon Device LA74310LP_08 Datasheet HTML 4Page - Sanyo Semicon Device LA74310LP_08 Datasheet HTML 5Page - Sanyo Semicon Device LA74310LP_08 Datasheet HTML 6Page - Sanyo Semicon Device LA74310LP_08 Datasheet HTML 7Page - Sanyo Semicon Device LA74310LP_08 Datasheet HTML 8Page - Sanyo Semicon Device LA74310LP_08 Datasheet HTML 9Page - Sanyo Semicon Device LA74310LP_08 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LA74310LP
No.A0904-6/22
POWER ON Condition (SERIAL communication)
The POWER ON RESET state covers a period up to the rise
of the second C.S. input after fall
of POWER ON
PULSE
generated inside IC when the power is applied and the STANDBY control is canceled.
is the dummy
communication.
Actually, because of delay of several hundreds ns in the IC, the first DATA condition begins in
and the normal
SERIAL communication condition begins after
.
HIGH period for about 2ms
Delay of several
hundreds ns
←SERIAL communication condition
Dummy communication
Power Supply
H
L
STANDBY control
(Pin No 23)
HIGH to cancel STANDBY
POWER ON PULSE
(IC inside)
C.S.
POWER ON RESET
(IC inside)
First DATA hold
← First DATA →
communication
H
L
H
L
H
L
H
L
POWER ON RESET state


Podobny numer części - LA74310LP_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA74310LP SANYO-LA74310LP Datasheet
282Kb / 22P
   Monolithic Linear IC Audio Interface for DSC Video Driver
More results

Podobny opis - LA74310LP_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA74310LP SANYO-LA74310LP Datasheet
282Kb / 22P
   Monolithic Linear IC Audio Interface for DSC Video Driver
LA74308LP SANYO-LA74308LP_08 Datasheet
204Kb / 16P
   Audio Interface for DSC
LA74303FN SANYO-LA74303FN Datasheet
215Kb / 18P
   Monolithic Linear IC Audio Interface for DSC
LA74308LP SANYO-LA74308LP Datasheet
191Kb / 16P
   Monolithic Linear IC Audio Interface for DSC
LA74302FN SANYO-LA74302FN Datasheet
152Kb / 12P
   Monolithic Linear IC Audio Interface for DSC
LA73073CL SANYO-LA73073CL Datasheet
241Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA73079CL SANYO-LA73079CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA73074CL SANYO-LA73074CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC/Cell Phone
logo
Rohm
BD7620KS2 ROHM-BD7620KS2 Datasheet
505Kb / 6P
   Video-Audio Interface for LCD TV
logo
Sanyo Semicon Device
LA73076V SANYO-LA73076V Datasheet
154Kb / 7P
   Monolithic Linear IC Video Driver for DVC/DSC, Cell Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com