Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZW03C10 Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części BZW03C10
Szczegółowy opis  Zener Diodes with Surge Current Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZW03C10 Arkusz danych(HTML) 3 Page - Vishay Siliconix

  BZW03C10 Datasheet HTML 1Page - Vishay Siliconix BZW03C10 Datasheet HTML 2Page - Vishay Siliconix BZW03C10 Datasheet HTML 3Page - Vishay Siliconix BZW03C10 Datasheet HTML 4Page - Vishay Siliconix BZW03C10 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BZW03-Series
Document Number 85602
Rev. 1.5, 26-Aug-10
Vishay Semiconductors
www.vishay.com
3
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Electrical Characteristics
BZW03D...
1) Exp. falling pulse, t
p = 500 µs down to 37 %
2) Stand-off reverse voltage = recommended supply voltage
Part number
Zener voltage range
Dynamic
resistance
Test
current
Temperature
coefficient of
Zener voltage
Reverse
leakage
current
Clamping
Stand off
VZ at IZ
rzj and TKVZ
at IZ
IZT
at IZT, TCVZ
IR at VR
V(CL)R
1)
at IRMS
IR at VR
2)
V
Ω
mA
%/K
µA
V
V
A
µA
V
min.
typ.
max.
typ.
typ.
min.
max.
max.
max.
max.
BZW03D6V8
6.1
6.8
7.5
0.7
1.5
175
0
0.07
2000
4.8
10.6
48.5
4000
5.3
BZW03D7V5
6.75
7.5
8.25
0.7
1.5
175
0
0.07
1500
5.3
11.7
44.2
3000
5.8
BZW03D8V2
7.4
8.2
9
0.8
1.5
150
0.03
0.08
1200
5.8
12.6
40.6
2400
6.5
BZW03D9V1
8.2
9.1
10
0.9
2
150
0.03
0.08
40
6.5
13.6
37.6
100
7.1
BZW03D10
9
10
11
1
2
125
0.05
0.09
20
7.1
15.2
34
40
7.9
BZW03D11
9.9
11
12.1
1.1
2.5
125
0.05
0.1
15
7.9
16.2
31.8
30
8.6
BZW03D12
10.8
12
13.2
1.1
2.5
100
0.05
0.1
10
8.6
17.5
29.4
20
9.3
BZW03D13
11.7
13
14.3
1.2
2.5
100
0.05
0.1
4
9.3
19.1
26.4
10
10.6
BZW03D15
13.5
15
16.5
1.2
2.5
75
0.05
0.1
2
10.6
21.8
23.9
10
11.6
BZW03D16
14.4
16
17.6
1.3
2.5
75
0.06
0.11
2
11.6
23.4
21.8
10
12.6
BZW03D18
16.2
18
19.8
1.3
2.5
65
0.06
0.11
2
12.6
26.3
19.5
10
14.4
BZW03D20
18
20
22
1.5
3
65
0.06
0.11
2
14.4
29.2
17.6
10
15.8
BZW03D22
20.8
22
24.2
1.6
3.5
50
0.06
0.11
2
15.8
32
16.1
10
17.2
BZW03D24
21.6
24
26.4
1.8
3.5
50
0.06
0.11
2
17.2
34.6
14.8
10
19.4
BZW03D27
24.3
27
29.7
2.5
5
50
0.06
0.11
2
19.4
39
13.1
10
21.5
BZW03D30
27
30
33
4
8
40
0.06
0.11
2
21.5
43.2
11.8
10
23.5
BZW03D33
29.7
33
36.3
5
10
40
0.06
0.11
2
23.5
47
10.8
10
25.8
BZW03D36
32.4
36
39.6
6
11
30
0.06
0.11
2
25.8
51.7
10
10
28
BZW03D39
25.1
39
42.9
7
14
30
0.06
0.11
2
28
56
9.2
10
31
BZW03D43
38.7
43
47.3
10
20
30
0.07
0.12
2
31
62
8.2
10
33.5
BZW03D47
42.3
47
51.7
12
25
25
0.07
0.12
2
33.5
66.7
7.6
10
36.5
BZW03D51
45.9
51
56.1
14
27
25
0.07
0.12
2
36.5
73
7
10
40
BZW03D56
50.4
56
61.6
18
35
20
0.07
0.12
2
40
80.2
6.3
10
44.5
BZW03D62
55.8
62
68.2
20
42
20
0.08
0.13
2
44.5
88.7
5.8
10
49
BZW03D68
61.2
68
74.8
22
44
20
0.08
0.13
2
49
97.2
5.3
10
54
BZW03D75
67.5
75
82.5
25
45
20
0.08
0.13
2
54
107
4.8
10
59
BZW03D82
73.8
82
90.2
30
65
15
0.08
0.13
2
59
117
4.3
10
65
BZW03D91
81.9
91
100
40
75
15
0.09
0.13
2
65
130
3.9
10
71
BZW03D100
90
100
110
45
90
12
0.09
0.13
2
71
143
3.6
10
79
BZW03D110
99
110
121
65
125
12
0.09
0.13
2
79
157
3.3
10
86
BZW03D120
108
120
132
90
170
10
0.09
0.13
2
86
172
3
10
93
BZW03D130
117
130
143
100
190
10
0.09
0.13
2
93
187
2.7
10
106
BZW03D150
135
150
165
150
330
8
0.09
0.13
2
106
213
2.4
10
116
BZW03D160
144
160
176
180
350
8
0.09
0.13
2
116
229
2.2
10
126
BZW03D180
162
180
198
210
430
5
0.09
0.13
2
126
256
2
10
144
BZW03D200
180
200
220
250
500
5
0.09
0.13
2
144
284
1.8
10
158
BZW03D220
198
220
242
350
700
5
0.09
0.13
2
158
314
1.6
10
172
BZW03D240
216
240
264
450
900
5
0.09
0.13
2
172
344
1.5
10
194
BZW03D270
243
270
297
600
1200
5
0.09
0.13
2
194
388
1.3
10
215


Podobny numer części - BZW03C10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BZW03C10 VISHAY-BZW03C10 Datasheet
64Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
BZW03C10 VISHAY-BZW03C10 Datasheet
122Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Apr-05
logo
SUNMATE electronic Co.,...
BZW03C10 SUNMATE-BZW03C10 Datasheet
395Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
BZW03C10 NJSEMI-BZW03C10 Datasheet
269Kb / 3P
   Zener Diodes with Surge Current Specification
logo
Vishay Siliconix
BZW03C100 VISHAY-BZW03C100 Datasheet
64Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
More results

Podobny opis - BZW03C10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BZT03 VISHAY-BZT03_10 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
BZD27C3V6P-E3-08 VISHAY-BZD27C3V6P-E3-08 Datasheet
127Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.2, 13-Aug-14
BZD27C3V6P VISHAY-BZD27C3V6P_13 Datasheet
109Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 2.1, 29-Nov-11
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.4., 15-Oct-15
BZG04 VISHAY-BZG04_08 Datasheet
184Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 2.2, 15-Sep-05
BZD27B VISHAY-BZD27B_V01 Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
logo
Vaishali Semiconductor
BZD27C3V6P VAISH-BZD27C3V6P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
Vishay Siliconix
BZD27B VISHAY-BZD27B Datasheet
129Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZT03 VISHAY-BZT03_05 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com