Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA74310LP Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LA74310LP
Szczegółowy opis  Audio Interface for DSC Video Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA74310LP Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LA74310LP Datasheet HTML 1Page - Sanyo Semicon Device LA74310LP Datasheet HTML 2Page - Sanyo Semicon Device LA74310LP Datasheet HTML 3Page - Sanyo Semicon Device LA74310LP Datasheet HTML 4Page - Sanyo Semicon Device LA74310LP Datasheet HTML 5Page - Sanyo Semicon Device LA74310LP Datasheet HTML 6Page - Sanyo Semicon Device LA74310LP Datasheet HTML 7Page - Sanyo Semicon Device LA74310LP Datasheet HTML 8Page - Sanyo Semicon Device LA74310LP Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
91207 TI IM B8-9167 No.A0904-1/22
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
LA74310LP
Overview
The LA74310LP is an AV interface IC for digital still cameras (DSCs). It incorporates all the functions necessary for
analog audio signal processing for microphone and loudspeaker amplifiers. It also incorporates video output drivers that
require no output coupling capacity. The IC is ideal for reducing the number of components and further miniaturization of
digital still cameras.
Features
AUDIO INTERFACE block
• Three-wire type SERIAL communication • MIC AMP,
MIC power supply incorporated (with built-in pull-up resistor)
• ALC
• PB input method: Analog or digital for inputting (ΔΣ) signal
• 3rd order LPF (for REC/PB switching control, option of fc=4kHz or 11kHz)
• SPEAKER AMP (The BEEP signal can be mixed.),
with electronic VOLUME (controlled by Serial communication)
• LINE output (with SERIAL MUTE)
• STANDBY control (current drain < 10μA)
VIDEO DRIVER block
• Not requires output coupling capacity
• Low voltage drive (VCC=2.7V to 3.6V)
• V sag does not occur
• 6th order LPF (fc=9MHz) is built-in.
• 0μA current dissipation on standby mode.
• 3 ways amplifier gains (6, 12, 16dB) can be selected. (Pin control (GND/Open/VCC))
• The video output has the capacity where one load of 75Ω impedance can be driven.
Ordering number : ENA0904
Monolithic Linear IC
Audio Interface for DSC
+ Video Driver


Podobny numer części - LA74310LP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA74310LP SANYO-LA74310LP Datasheet
282Kb / 22P
   Monolithic Linear IC Audio Interface for DSC Video Driver
More results

Podobny opis - LA74310LP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA74310LP SANYO-LA74310LP Datasheet
282Kb / 22P
   Monolithic Linear IC Audio Interface for DSC Video Driver
LA74308LP SANYO-LA74308LP_08 Datasheet
204Kb / 16P
   Audio Interface for DSC
LA74303FN SANYO-LA74303FN Datasheet
215Kb / 18P
   Monolithic Linear IC Audio Interface for DSC
LA74308LP SANYO-LA74308LP Datasheet
191Kb / 16P
   Monolithic Linear IC Audio Interface for DSC
LA74302FN SANYO-LA74302FN Datasheet
152Kb / 12P
   Monolithic Linear IC Audio Interface for DSC
LA73073CL SANYO-LA73073CL Datasheet
241Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA73079CL SANYO-LA73079CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA73074CL SANYO-LA73074CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC/Cell Phone
logo
Rohm
BD7620KS2 ROHM-BD7620KS2 Datasheet
505Kb / 6P
   Video-Audio Interface for LCD TV
logo
Sanyo Semicon Device
LA73076V SANYO-LA73076V Datasheet
154Kb / 7P
   Monolithic Linear IC Video Driver for DVC/DSC, Cell Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com