Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA74320FN Arkusz danych(PDF) 7 Page - Sanyo Semicon Device

Numer części LA74320FN
Szczegółowy opis  Audio I/O Interface for Cell Phone
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA74320FN Arkusz danych(HTML) 7 Page - Sanyo Semicon Device

Back Button LA74320FN Datasheet HTML 3Page - Sanyo Semicon Device LA74320FN Datasheet HTML 4Page - Sanyo Semicon Device LA74320FN Datasheet HTML 5Page - Sanyo Semicon Device LA74320FN Datasheet HTML 6Page - Sanyo Semicon Device LA74320FN Datasheet HTML 7Page - Sanyo Semicon Device LA74320FN Datasheet HTML 8Page - Sanyo Semicon Device LA74320FN Datasheet HTML 9Page - Sanyo Semicon Device LA74320FN Datasheet HTML 10Page - Sanyo Semicon Device LA74320FN Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LA74320FN
No.A0905-7/14
Table of Input/Output Forms
PIN
Pin Name
DC voltage
AC voltage
Description of functions
Equivalent circuit diagram in pin
1
Receiver GND
0V
Receiver GND
2
Receiver (-)
output
1.65V
Reference output level
=-10dBV
(@ EVR=Max. audio source
input =-30dBV)
Receiver reverse phase output
pin
3
VCC A
3.0V
Power pin for analog signal part
4
CLOCK
CLOCK input pin
5
DATA
DATA input pin
6
A GND
0V
GND pin for analog signal part
Continued on next page.
4
1k
Ω
5
ACK
Tr
1k
Ω
5k
Ω
VCCHP
20.5k
Ω
2
LA74320FN EVR Characteristic
-80
-70
-60
-50
-40
-30
-20
-10
0
0
5
10
15
20
25
30
35
5-bit data (decimal notation)
Mute


Podobny numer części - LA74320FN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA74322LP SANYO-LA74322LP Datasheet
185Kb / 14P
   Audio I/O Interface for Cell Phone
More results

Podobny opis - LA74320FN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA74322LP SANYO-LA74322LP Datasheet
185Kb / 14P
   Audio I/O Interface for Cell Phone
logo
Rohm
BD3822FS ROHM-BD3822FS Datasheet
199Kb / 6P
   Audio I/O interface for DVD recorder
BD3823FV ROHM-BD3823FV Datasheet
184Kb / 6P
   Audio I/O interface for DVD recorder
BU7843AGU ROHM-BU7843AGU Datasheet
405Kb / 6P
   Audio Interface for Cellular Phone
BD3825FS ROHM-BD3825FS_05 Datasheet
427Kb / 9P
   PAL Audio I/O Interface
BD3823FV ROHM-BD3823FV_05 Datasheet
524Kb / 9P
   NTSC-PAL Audio I/O Interface for Recording
BH7760KV ROHM-BH7760KV Datasheet
91Kb / 7P
   Analog signal I / O interface for portable audio applications
BH7760KV ROHM-BH7760KV Datasheet
92Kb / 7P
   Analog signal I / O interface for portable audio applications
BD3822FS ROHM-BD3822FS_05 Datasheet
501Kb / 9P
   NTSC-PAL Audio I/O Interface for Recording/Playing
logo
National Semiconductor ...
LM4992 NSC-LM4992 Datasheet
576Kb / 16P
   420mW Stereo Cell Phone Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com