Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA74322LP Arkusz danych(PDF) 8 Page - Sanyo Semicon Device

Numer części LA74322LP
Szczegółowy opis  Audio I/O Interface for Cell Phone
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA74322LP Arkusz danych(HTML) 8 Page - Sanyo Semicon Device

Back Button LA74322LP Datasheet HTML 4Page - Sanyo Semicon Device LA74322LP Datasheet HTML 5Page - Sanyo Semicon Device LA74322LP Datasheet HTML 6Page - Sanyo Semicon Device LA74322LP Datasheet HTML 7Page - Sanyo Semicon Device LA74322LP Datasheet HTML 8Page - Sanyo Semicon Device LA74322LP Datasheet HTML 9Page - Sanyo Semicon Device LA74322LP Datasheet HTML 10Page - Sanyo Semicon Device LA74322LP Datasheet HTML 11Page - Sanyo Semicon Device LA74322LP Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LA74322LP
No.A1283-8/14
Continued from preceding page.
PIN
Pin Name
DC voltage
AC voltage
Description of functions
Equivalent circuit diagram in pin
6
MIC1 IN
1.5V
Reference input level
=-50dBV
Maximum input level
=-20dBV
MIC1 input pin
7
MIC2 IN
1.5V
Reference input level
=-50dBV
Maximum input level
=-20dBV
MIC2 input pin
8
MIC OUT
1.5V
Reference output level
=-40dBV
Maximum output level
=-10dBV
MIC output pin
9
MIC1 VCC
2.3V
MIC1 power pin
10
VREF
2.3V
MIC VCC and VREF ripple
rejection pin
Continued on next page.
500
Ω
VREF
70k
Ω
6
VCCA
500
Ω
VREF
70k
Ω
VCCA
7
VCCA
7.5k
Ω
8
500
Ω
3.2k
Ω
VREF
2.2k
Ω
23k
Ω
9
VCCA
400
Ω
10
500
Ω
200k
Ω
VCCA


Podobny numer części - LA74322LP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA74320FN SANYO-LA74320FN Datasheet
191Kb / 14P
   Audio I/O Interface for Cell Phone
More results

Podobny opis - LA74322LP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA74320FN SANYO-LA74320FN Datasheet
191Kb / 14P
   Audio I/O Interface for Cell Phone
logo
Rohm
BD3822FS ROHM-BD3822FS Datasheet
199Kb / 6P
   Audio I/O interface for DVD recorder
BD3823FV ROHM-BD3823FV Datasheet
184Kb / 6P
   Audio I/O interface for DVD recorder
BU7843AGU ROHM-BU7843AGU Datasheet
405Kb / 6P
   Audio Interface for Cellular Phone
BD3825FS ROHM-BD3825FS_05 Datasheet
427Kb / 9P
   PAL Audio I/O Interface
BD3823FV ROHM-BD3823FV_05 Datasheet
524Kb / 9P
   NTSC-PAL Audio I/O Interface for Recording
BH7760KV ROHM-BH7760KV Datasheet
91Kb / 7P
   Analog signal I / O interface for portable audio applications
BH7760KV ROHM-BH7760KV Datasheet
92Kb / 7P
   Analog signal I / O interface for portable audio applications
BD3822FS ROHM-BD3822FS_05 Datasheet
501Kb / 9P
   NTSC-PAL Audio I/O Interface for Recording/Playing
logo
National Semiconductor ...
LM4992 NSC-LM4992 Datasheet
576Kb / 16P
   420mW Stereo Cell Phone Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com