Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA79500E Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części LA79500E
Szczegółowy opis  For TV 6-input, 3-output Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA79500E Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  LA79500E Datasheet HTML 1Page - Sanyo Semicon Device LA79500E Datasheet HTML 2Page - Sanyo Semicon Device LA79500E Datasheet HTML 3Page - Sanyo Semicon Device LA79500E Datasheet HTML 4Page - Sanyo Semicon Device LA79500E Datasheet HTML 5Page - Sanyo Semicon Device LA79500E Datasheet HTML 6Page - Sanyo Semicon Device LA79500E Datasheet HTML 7Page - Sanyo Semicon Device LA79500E Datasheet HTML 8Page - Sanyo Semicon Device LA79500E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LA79500E
No.A0259-2/16
Electrical Characteristics/Operating Conditions at Ta
= 25°C, VCC = 12V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Current consumption
ICC
No signal, No load
67
90
113
mA
[Video system]
Frequency response characteristics
frv
100kHz/7MHz
-1.0
0
1.0
dB
Maximum input level
Ddv
f = 100kHz, output THD = 1% input
1.4
1.6
Vp-p
Voltage gain 1
GVv1
6dB select
5.9
6.4
6.9
dB
Voltage gain 2
GVv2
0dB select
0.0
0.4
0.9
dB
Cross talk
Vctv
f = 3.58MHz
-60
-55
dB
[Audio system]
Voltage gain 1
GVa1
6dB select
5.9
6.4
6.9
dB
Voltage gain 2
GVa2
0dB select
0.0
0.4
0.9
dB
Frequency response characteristics
Fra
100Hz/20kHz
-1.0
0
1.0
dB
Total harmonic distortion
THD
f = 1kHz, 2.2Vp-p input
0.03
0.05
%
Maximum input level
Dda
f = 1kHz, output THD = 0.3% input
2.3
2.5
Vrms
Cross talk
Vcta
f = 1kHz, 1Vp-p input
-90
-80
dB
Supply Ripple rejection ratio
SRrr
f = 100Hz, 0.3Vp-p applied to VCC
-55
-40
dB
S/N ratio
S/Na
f = 1kHz, 1Vrms input
-100
-90
dB
[Logic system]
High level input voltage
ViH
3.5
5.0
V
Low level input voltage
ViL
0
1.5
V
Low level output voltage
VoL
SDA 3mA current supplied
0
0.4
V
High level input current
IiH
VIH = 4.5V
0
10
µA
Low level input current
IiL
VIL = 0.4V
0
10
µA
Maximum clock frequency
fscl
0
100
kHz
Minimum waiting time for data
change
tBUF
4.7
µs
Minimum waiting time for data
transfer start
tHD:STA
4.0
µs
Low level clock Pulse width
tLOW
4.7
µs
High level clock pulse width
tHIGH
4.0
µs
Minimum waiting time for start
preparation
tSU:STA
4.7
µs
Minimum data hold time
tHD:DAT
0
µs
Minimum data preparation time
tSU:DAT
250
ns
Rise time
tR
1
µs
Fall time
tF
300
ns
Minimum waiting time for
stop preparation
tSU:STO
4.7
µs
GPIO1/2/3/4/5/6 (Pin5/13/27/33/55/63)
High level input voltage
GPIH
3.5
V
Low level input voltage
GPIL
1.5
V
High level output voltage
GPOH
50
µA current loaded
4.0
V
Low level output voltage
GPOL
1mA current supplied
1.0
V
DC_OUT (Pin67)
High level output voltage
DCOH
DC_OUT (BUS Write) 11
RL =100kΩ
4.0
4.5
V
Middle level output voltage
DCOM
DC_OUT (BUS Write) 10
RL =100kΩ
1.4
1.9
2.4
V
Low level output voltage
DCOL
DC_OUT (BUS Write) 01/00
RL =100kΩ
0.5
V
DC_IN (Pin66)
High level input voltage
DCIH
DC_IN (BUS read) 10
3.0
V
Middle level input voltage
DCIM
DC_IN (BUS read) 01
1.5
1.9
2.3
V
Low level input voltage
DCIL
DC_IN (BUS read) 00
1.0
V


Podobny numer części - LA79500E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA7950 SANYO-LA7950 Datasheet
60Kb / 3P
   TV Field Frequency Discriminator
More results

Podobny opis - LA79500E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
New Japan Radio
NJM2596 NJRC-NJM2596 Datasheet
65Kb / 7P
   5-INPUT 3-OUTPUT VIDEO SWITCH FOR S2
logo
Mitsumi Electronics, Co...
MM1140 MITSUMI-MM1140 Datasheet
102Kb / 6P
   6-Input 1-Output Video Switch
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2279 NJRC-NJM2279 Datasheet
345Kb / 10P
   3-INPUT 2-OUTPUT VIDEO SWITCH FOR AV-SET
NJM2595 NJRC-NJM2595 Datasheet
585Kb / 9P
   5-INPUT 3-OUTPUT VIDEO SWITCH
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH????
NJM2296 NJRC-NJM2296 Datasheet
281Kb / 8P
   5-INPUT 3-OUTPUT VIDEO SWITCH
NJM2521 NJRC-NJM2521 Datasheet
127Kb / 3P
   3-INPUT 1-OUTPUT AUDIO SWITCH?
logo
ON Semiconductor
FMS6502 ONSEMI-FMS6502 Datasheet
660Kb / 15P
   8-Input, 6-Output Video Switch Matrix
January 2007 Rev. 1.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com