Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB1845 Arkusz danych(PDF) 6 Page - Sanyo Semicon Device

Numer części LB1845
Szczegółowy opis  PWM Current Controlling Stepping Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1845 Arkusz danych(HTML) 6 Page - Sanyo Semicon Device

  LB1845_06 Datasheet HTML 1Page - Sanyo Semicon Device LB1845_06 Datasheet HTML 2Page - Sanyo Semicon Device LB1845_06 Datasheet HTML 3Page - Sanyo Semicon Device LB1845_06 Datasheet HTML 4Page - Sanyo Semicon Device LB1845_06 Datasheet HTML 5Page - Sanyo Semicon Device LB1845_06 Datasheet HTML 6Page - Sanyo Semicon Device LB1845_06 Datasheet HTML 7Page - Sanyo Semicon Device LB1845_06 Datasheet HTML 8Page - Sanyo Semicon Device LB1845_06 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LB1845
No.5505-6/9
Usage Notes
1. External diode
Since this IC adopts a system based on lower side transistor switching drive, an external diode for the regenerative
current that occurs during switching is required between VBB and VOUT. Use a Schottky barrier diode with a low
feedthrough current.
2. Noise filters
Since spike noise (see Figure 1) occurs when switching to the on state due to the external diode’s feedthrough current,
applications must remove noise from the SENSE pin with a noise filter (Cc, Rc) between the E pin and the SENSE
pin.
However, note that if the values of Cc and Rc are too large, the SENSE voltage rise will be slowed, and the current
setting will be shifted towards a higher current level.
3. VREF pin
It is possible to change the output current continuously by continuously changing the VREF pin voltage. However,
this voltage cannot be set to 0V. The VREF pin input impedance is 26kΩ (±30%) when VREF is 5V. Since this pin is
used to set the output current, applications must be designed so that noise does not appear on this pin's input.
4. GND pin
Since this IC switches large currents, care must be taken to avoid ground loops when the IC is mounted in the
application. The section of the PCB that handles large currents should be designed with a low-impedance pattern, and
must be separated from the small signal sections of the circuit. In particular, the ground for the sense resistor Re must
be as close as possible to the IC ground.
5. Operation in hold mode
There are cases where a current somewhat larger than the current setting may flow in hold mode (light load mode).
Since this IC adopts a lower side switching, lower side sense system, the emitter voltage falls and the sense voltage
goes to 0 when the switching state goes to off. The circuit then always turns the output on after the toff period has
elapsed. At this time, due to the light load, the existence of the time td, and the fact that the output goes on even if the
output current is higher than the set current, the output current will be somewhat higher than the set current.
Applications should set the current setting somewhat lower than required if this occurs.
6. Function for preventing the upper and lower outputs being on at the same time
This IC incorporates a built-in circuit that prevents the through currents that occur when the phase is switched. The
table lists the output on and off delay times when PHASE and EANBLE are switched.
Sink side
Source side
On delay time
10
µs
9
µs
When PHASE is switched
Off delay time
1.5
µs
3
µs
On delay time
9
µs
9
µs
When ENABLE is on
Off delay time
1.5
µs
6.5
µs
7. 1-2 phase excitation and the double 1-2 phase excitation control sequence
To reduce the vibration that occurs when the motor turns, this IC supports 1-2 phase excitation and double 1-2 phase
excitation by using the output current setting digital input pins I0 and I1 without changing the VREF pin voltage.
Tables 1 and 2 list that control sequence, and Figure 2 and Figure 3 present the composite vector diagram for this
sequence.2. Noise filters


Podobny numer części - LB1845_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1845 SANYO-LB1845_12 Datasheet
177Kb / 9P
   PWM Current Controlling Stepping Motor Driver
More results

Podobny opis - LB1845_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LB1845 ONSEMI-LB1845 Datasheet
90Kb / 9P
   PWM Current Controlling Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1845 SANYO-LB1845_12 Datasheet
177Kb / 9P
   PWM Current Controlling Stepping Motor Driver
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
logo
Princeton Technology Co...
PT2463 PTC-PT2463 Datasheet
185Kb / 5P
   PWM Constant-Current Stepping Motor Driver
logo
Sanyo Semicon Device
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946_09 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LV8740V SANYO-LV8740V Datasheet
318Kb / 23P
   PWM Current Control Stepping Motor Driver
LB1945D SANYO-LB1945D_09 Datasheet
105Kb / 9P
   PWM Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8727 ONSEMI-LV8727 Datasheet
327Kb / 23P
   PWM Current Control Stepping Motor Driver
June, 2013
LB1946 ONSEMI-LB1946 Datasheet
122Kb / 16P
   PWM Current Control Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com