Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB1863M Arkusz danych(PDF) 5 Page - Sanyo Semicon Device

Numer części LB1863M
Szczegółowy opis  Two-Phase Unipolar Brushless Motor Driver Automatic Recovery Type Circuit in a Miniature Flat Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1863M Arkusz danych(HTML) 5 Page - Sanyo Semicon Device

  LB1863M Datasheet HTML 1Page - Sanyo Semicon Device LB1863M Datasheet HTML 2Page - Sanyo Semicon Device LB1863M Datasheet HTML 3Page - Sanyo Semicon Device LB1863M Datasheet HTML 4Page - Sanyo Semicon Device LB1863M Datasheet HTML 5Page - Sanyo Semicon Device LB1863M Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
No. 4943-5/6
LB1863M/LB1869M
4. Output protection function (C pin)
This pin connects the capacitor that forms the automatic recovery circuit. If rotation stops due to, for example, a
motor overload, the pin voltage rises and the output stops. The system automatically recovers from stopped to drive
mode when the load is set to an appropriate level. The lock detection time can be set by changing the value of the
capacitor.
For a 1-μF capacitor:Lock detection time
About 2 seconds
Lock protection time (output on) About 1 second
(output off) About 6 seconds
➀While the blades are turning, the capacitor is charged with a current of about 3 μA (typical), and C is discharged by
pulses that correspond to the motor speed.
➁When the blades lock, the capacitor is no longer discharged, and the voltage across the capacitor increases. The
output is turned off when that voltage reaches 0.8
× VIN.
➂When the output is turned off, the capacitor is discharged at a current of about 0.44 μA (typical). When the
capacitor voltage falls under VTH2, if the lock state is not yet cleared the capacitor continues discharging until
VTH1. (Note that the output is turned on at this time.) These operations, i.e. items ➁ and ➂, are repeated with a
ton:toff ratio of about 1:6 to protect the motor.
④If the lock state has been cleared when the capacitor voltage reaches VTH2, motor rotation is started by turning the
output on.
5. Rotation detection signal (RD pin)
This is an open collector output, and outputs a low level in drive mode and a high level when the motor is stopped.
6. Radio-frequency noise reduction function (B1 and B2 pins)
These are base pins for Darlington pair outputs. Add capacitors of about 0.01 to 0.1 μF if radio-frequency noise is a
problem.
7. Thermal shutdown function
Turns off the output in response to coil shorting or IC overheating.
Automatic recovery circuit pin C voltage


Podobny numer części - LB1863M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1863M SANYO-LB1863M Datasheet
76Kb / 5P
   Two-Phase Unipolar Brushless Motor Driver Automatic Recovery Type Circuit in a Miniature Flat Package
logo
ON Semiconductor
LB1863M ONSEMI-LB1863M Datasheet
163Kb / 7P
   Two-Phase Brushless Motor Driver
August 2014 - Rev. 0
LB1863M ONSEMI-LB1863M Datasheet
234Kb / 9P
   Two?륯hase Brushless Motor Driver
February, 2018 ??Rev. 2
LB1863M-MPB-E ONSEMI-LB1863M-MPB-E Datasheet
163Kb / 7P
   Two-Phase Brushless Motor Driver
August 2014 - Rev. 0
LB1863M-MPB-E ONSEMI-LB1863M-MPB-E Datasheet
234Kb / 9P
   Two?륯hase Brushless Motor Driver
February, 2018 ??Rev. 2
More results

Podobny opis - LB1863M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1863M SANYO-LB1863M Datasheet
76Kb / 5P
   Two-Phase Unipolar Brushless Motor Driver Automatic Recovery Type Circuit in a Miniature Flat Package
logo
Unisonic Technologies
UM2640 UTC-UM2640 Datasheet
202Kb / 8P
   TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
logo
New Japan Radio
NJM2640 NJRC-NJM2640 Datasheet
65Kb / 7P
   Two-phase Unipolar DC Brushless Motor Pre-Driver IC
logo
Unisonic Technologies
UM2640 UTC-UM2640_15 Datasheet
202Kb / 8P
   TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
logo
New Japan Radio
NJM2641 NJRC-NJM2641 Datasheet
51Kb / 3P
   Two-phase Unipolar DC Brushless Motor Pre-Driver IC
logo
Unisonic Technologies
UM2640 UTC-UM2640_17 Datasheet
193Kb / 8P
   TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
logo
Sanyo Semicon Device
LB1668 SANYO-LB1668 Datasheet
128Kb / 7P
   Two-Phase Unipolar Drive Brushless Motor Drivers
LB1668 SANYO-LB1668_09 Datasheet
212Kb / 8P
   Two-Phase Unipolar Drive Brushless Motor Drivers
logo
Ceramate Technical
CMD1668 CERAMATE-CMD1668 Datasheet
369Kb / 9P
   Two-Phase Unipolar Drive Brushless Motor Drivers
logo
Sanyo Semicon Device
LB1669 SANYO-LB1669 Datasheet
69Kb / 5P
   2-Phase Unipolar Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com