Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB1868M Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części LB1868M
Szczegółowy opis  2-phase Brushless Fan Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1868M Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  LB1868M_09 Datasheet HTML 1Page - Sanyo Semicon Device LB1868M_09 Datasheet HTML 2Page - Sanyo Semicon Device LB1868M_09 Datasheet HTML 3Page - Sanyo Semicon Device LB1868M_09 Datasheet HTML 4Page - Sanyo Semicon Device LB1868M_09 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LB1868M
No.6203-3/5
Pin Assignment
1
IN−
2
IN+
3
CT
4
ST
5
OUT1 6
7
GND
14
13
12
11
10
9
VIN
RD
Z2
Z1
OUT2
8 NC
Top view
BC
FG
Pin Function
Pin No.
Pin name
Function
1
IN−
Hall input + pin. Hysteresis amplifier
2
IN+
Hall input
− pin. Hysteresis amplifier
3
CT
Lockup protection time setting capacitor pin (0.47 to 4.7
µF).
4
ST
Start/stop pin.
5
BC
Output transistor common base pin.
6
OUT1
Output 1 pin.
9
OUT2
Output 2 pin.
7
GND
GND pin.
10
Z1
External Zener diode pin (external Zener diode to be connected between power supply and Z1).
11
Z2
Kickback absorption voltage alteration pin (shorted to Z1: 12V operation).
12
FG
Rotation frequency detector pin.
13
RD
Lockup detection pin (latch type).
14
VIN
Regulated power supply input pin (limiting resistor to be inserted between power supply and VIN).
Truth Table
ST
IN+
IN−
CT
OUT1
OUT2
RD
FG
H
L
L
H
H
L
L
H
L
H
L
H
H
L
H
H
L
L
H
L
L
L
L
H
L
L
H
L
H
H
L
H
H
H
H
L
L
or
OPEN
L
H
H
H
H
H
H
* RD is a latch type output


Podobny numer części - LB1868M_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LB1868M-TLM-E ONSEMI-LB1868M-TLM-E Datasheet
226Kb / 9P
   2?릔hase Brushless Fan Motor Driver
March, 2018 ??Rev. 1
LB1868M-TLM-H ONSEMI-LB1868M-TLM-H Datasheet
89Kb / 5P
   Fan Motor Driver
May, 2013
LB1868M-TLM-H ONSEMI-LB1868M-TLM-H Datasheet
226Kb / 9P
   2?릔hase Brushless Fan Motor Driver
March, 2018 ??Rev. 1
LB1868M-W-AH ONSEMI-LB1868M-W-AH Datasheet
226Kb / 9P
   2?릔hase Brushless Fan Motor Driver
March, 2018 ??Rev. 1
More results

Podobny opis - LB1868M_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LB1867M ONSEMI-LB1867M Datasheet
86Kb / 5P
   2-phase Brushless Fan Motor Driver
May, 2013
LB1868 ONSEMI-LB1868 Datasheet
84Kb / 5P
   2-phase Brushless Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1868 SANYO-LB1868_09 Datasheet
84Kb / 5P
   2-phase Brushless Fan Motor Driver
LB1867M SANYO-LB1867M_09 Datasheet
86Kb / 5P
   2-phase Brushless Fan Motor Driver
logo
Rohm
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
BM6214FS ROHM-BM6214FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6203FS ROHM-BM6203FS Datasheet
688Kb / 24P
   3-Phase Brushless Fan Motor Driver
logo
Sanyo Semicon Device
LB1867M SANYO-LB1867M Datasheet
44Kb / 5P
   Two-Phase Brushless Fan Motor Driver
logo
Rohm
BM6242FS ROHM-BM6242FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6243FS ROHM-BM6243FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com