Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB1930M Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części LB1930M
Szczegółowy opis  Low-Voltage, Low-Saturation Bidirectional Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1930M Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  LB1930M_11 Datasheet HTML 1Page - Sanyo Semicon Device LB1930M_11 Datasheet HTML 2Page - Sanyo Semicon Device LB1930M_11 Datasheet HTML 3Page - Sanyo Semicon Device LB1930M_11 Datasheet HTML 4Page - Sanyo Semicon Device LB1930M_11 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LB1930M
No.6068-2/5
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Allowable power dissipation
Pd max
Mounted on a specified board *
800
mW
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
* Specified board: 114.3mm
× 76.1mm × 1.5mm, glass epoxy board.
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
2.2 to 10.8
V
High-level input voltage
VIH
2.0 to 10
V
Low-level input voltage
VIL
-0.3 to +0.3
V
Electrical Characteristics at Ta
= 25°C, VCC = 3V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current drain
ICC1
Standby mode
0.1
5
μA
ICC2
Forward or reverse drive operation
15
21
mA
ICC3
Braking
22
31
mA
Output saturation voltage
VO(sat)1
Forward or reverse drive: High side + low side,
IO = 200mA
0.25
0.35
V
VO(sat)2
Forward or reverse drive: High side + low side,
IO = 500mA
0.55
0.75
V
VO(sat)3
Forward or reverse drive: High side only,
IO = 200mA
0.15
0.25
V
Input current
IIN
VIN = 5V
70
95
μA
Thermal detection operating
temperature
THD
Design guarantee value*
150
180
200
°C
Spark killer diode
Forward voltage
VSF
IO = 200mA
0.9
1.7
V
Reverse current
IRS
VOUT = 10V
0.1
5
μA
* Design guarantee value, Do not measurement.
Package Dimensions
unit : mm (typ)
3086B
SANYO : MFP10S(225mil)
1
10
5
6
(0.5)
1.0
0.35
5.0
0.15
-20
0
20
40
60
80
100
0
1000
800
600
400
200
Pd max -- Ta
-30
85
416
Ambient temperature, Ta --
°C
Spesified board: 114.3
×76.1×1.5mm3
glass epoxy board.


Podobny numer części - LB1930M_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1930MC SANYO-LB1930MC Datasheet
101Kb / 5P
   Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC ONSEMI-LB1930MC Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
More results

Podobny opis - LB1930M_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1638 SANYO-LB1638_08 Datasheet
85Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1838M-TRM-E ONSEMI-LB1838M-TRM-E Datasheet
69Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
LB1830M SANYO-LB1830M_11 Datasheet
89Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1838M SANYO-LB1838M_12 Datasheet
87Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1638MC-AH ONSEMI-LB1638MC-AH Datasheet
68Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1846M SANYO-LB1846M_99 Datasheet
144Kb / 8P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
logo
ON Semiconductor
LB1838JM ONSEMI-LB1838JM Datasheet
72Kb / 5P
   Low-Saturation Bidirectional Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1848M-TE-R-E SANYO-LB1848M-TE-R-E Datasheet
144Kb / 8P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com