Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB1947 Arkusz danych(PDF) 7 Page - Sanyo Semicon Device

Numer części LB1947
Szczegółowy opis  PWM Current Control Type Bidirectional Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1947 Arkusz danych(HTML) 7 Page - Sanyo Semicon Device

  LB1947_09 Datasheet HTML 1Page - Sanyo Semicon Device LB1947_09 Datasheet HTML 2Page - Sanyo Semicon Device LB1947_09 Datasheet HTML 3Page - Sanyo Semicon Device LB1947_09 Datasheet HTML 4Page - Sanyo Semicon Device LB1947_09 Datasheet HTML 5Page - Sanyo Semicon Device LB1947_09 Datasheet HTML 6Page - Sanyo Semicon Device LB1947_09 Datasheet HTML 7Page - Sanyo Semicon Device LB1947_09 Datasheet HTML 8Page - Sanyo Semicon Device LB1947_09 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LB1947
No.6192-7/9
2. Forward/reverse motor
12
8
9
5
4
10
3
1
6
2
11
13
7
OUTA
E
OUTA
VI
ST
VBB
VCC
IN1
IN2
VREF
CR
MD
GND
5V
24V
M
*Schottky barrier type for external diodes.
Control
logic
circuit
Current
select
circuit
One-shot
multi-
blanking
time
Thermal
shutdown circuit
UVLO
IN1
IN2
ST
OUTA
OUTA
Mode
H
L
H
H
L
Forward
H
H
H
L
H
Reverse
L
H
H
L
L
Brake
L
L
H
OFF
OFF
Output OFF
L
OFF
OFF
Standby mode


Podobny numer części - LB1947_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1947VC SANYO-LB1947VC Datasheet
139Kb / 11P
   Monolithic Digital IC PWM Current Control Type Forward/Reverse Motor Driver
logo
ON Semiconductor
LB1947VC ONSEMI-LB1947VC Datasheet
112Kb / 11P
   Forward/Reverse Motor Driver
May, 2013
More results

Podobny opis - LB1947_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1847 SANYO-LB1847_09 Datasheet
172Kb / 15P
   PWM Current Control Type Stepping Motor Driver
LB1945H SANYO-LB1945H_09 Datasheet
119Kb / 7P
   PWM Current Control Type Stepping Motor Driver
LB1847 SANYO-LB1847 Datasheet
128Kb / 16P
   PWM Current Control Type Stepping Motor Driver
LB1945H SANYO-LB1945H Datasheet
48Kb / 7P
   PWM Current Control Type Stepping Motor Driver
LB1947 SANYO-LB1947 Datasheet
60Kb / 7P
   PWM Current Control Type DC Motor Driver
logo
ON Semiconductor
LB1847 ONSEMI-LB1847 Datasheet
137Kb / 15P
   PWM Current Control Type Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB11847 SANYO-LB11847_08 Datasheet
172Kb / 15P
   PWM Current Control Type Stepping Motor Driver
LB11847 SANYO-LB11847 Datasheet
112Kb / 16P
   PWM Current Control Type Stepping Motor Driver
logo
ON Semiconductor
LV8741V ONSEMI-LV8741V Datasheet
377Kb / 28P
   PWM Current Control Stepper Motor Driver
June 2015 - Rev. 2
logo
Sanyo Semicon Device
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com