Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB1975 Arkusz danych(PDF) 5 Page - Sanyo Semicon Device

Numer części LB1975
Szczegółowy opis  For Fan Motor 3-phase Brushless Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1975 Arkusz danych(HTML) 5 Page - Sanyo Semicon Device

  LB1975_08 Datasheet HTML 1Page - Sanyo Semicon Device LB1975_08 Datasheet HTML 2Page - Sanyo Semicon Device LB1975_08 Datasheet HTML 3Page - Sanyo Semicon Device LB1975_08 Datasheet HTML 4Page - Sanyo Semicon Device LB1975_08 Datasheet HTML 5Page - Sanyo Semicon Device LB1975_08 Datasheet HTML 6Page - Sanyo Semicon Device LB1975_08 Datasheet HTML 7Page - Sanyo Semicon Device LB1975_08 Datasheet HTML 8Page - Sanyo Semicon Device LB1975_08 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LB1975
No.6087-5/10
Block Diagram and Peripheral Circuit
VCOUT
VCC
VREG
OUT1
OUT2
OUT3
GND3
GND2
RF
VM
VCTL
OSC
VCREF
GND1
Reg
IN1
IN2
IN3
Hys.Amp
31k
40k
Ω VCTL Amp
PWM
OSC
FG1 FG2
LVDS
TSD
Current
Limiter
0.5V
VM
S/S
F/R
VCC
H
H
H
VCTL
Logic
2.35V
Pin Functions
Pin No.
Pin name
Pin voltage
Function
Equivalent circuit
1
VCC
4.5V to 6.7V
Power supply for blocks other than the
output block.
2
VREG
0.0V to 7.3V
Shunt regulator output pin (7V).
2
3
S/S
0.0V to VCC
Start/stop control pin.
Low: start
High or Open: stop
Typical threshold voltage for
VCC = 5V:
approx. 2.8V (low to high)
approx. 2.3V (high to low)
3
3.8k
20k
VCC
Continued on next page.


Podobny numer części - LB1975_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1975 SANYO-LB1975 Datasheet
91Kb / 12P
   DC Fan Motor Driver
logo
ON Semiconductor
LB1975 ONSEMI-LB1975 Datasheet
135Kb / 10P
   3-phase Brushless Motor Driver
May, 2013
More results

Podobny opis - LB1975_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1976 SANYO-LB1976_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
LV8121V SANYO-LV8121V Datasheet
230Kb / 14P
   For Fan Motor 3-phase Brushless Motor Driver
LB1991V SANYO-LB1991V_09 Datasheet
135Kb / 7P
   For Fan Motor 3-phase Brushless Motor Driver
logo
Rohm
BM6241FS ROHM-BM6241FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6245FS ROHM-BM6245FS Datasheet
2Mb / 36P
   3-Phase Brushless Fan Motor Driver
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
BM6214FS ROHM-BM6214FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6203FS ROHM-BM6203FS Datasheet
688Kb / 24P
   3-Phase Brushless Fan Motor Driver
BM6242FS ROHM-BM6242FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6243FS ROHM-BM6243FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com