Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11600JV Arkusz danych(PDF) 10 Page - Sanyo Semicon Device

Numer części LB11600JV
Szczegółowy opis  Brushless Motor Predriver IC for Automotive Applications
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11600JV Arkusz danych(HTML) 10 Page - Sanyo Semicon Device

Back Button LB11600JV Datasheet HTML 6Page - Sanyo Semicon Device LB11600JV Datasheet HTML 7Page - Sanyo Semicon Device LB11600JV Datasheet HTML 8Page - Sanyo Semicon Device LB11600JV Datasheet HTML 9Page - Sanyo Semicon Device LB11600JV Datasheet HTML 10Page - Sanyo Semicon Device LB11600JV Datasheet HTML 11Page - Sanyo Semicon Device LB11600JV Datasheet HTML 12Page - Sanyo Semicon Device LB11600JV Datasheet HTML 13Page - Sanyo Semicon Device LB11600JV Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LB11600JV
No.8321-10/30
Continued from preceding page.
Pin
Number
Function
Function
Equivalent circuit
19
PWM
PWM oscillator frequency
setting.
Insert a capacitor between this
pin and ground.
20
CSD
Motor constraint protection
detection sense input.
Insert a capacitor between this
pin and VCC and a resistor
between this pin and ground.
21
CSET
Motor constraint protection
circuit rotation input pulse
detection.
Insert a capacitor between this
pin and VCC.
22
PWMRE
PWM input reset.
Insert a resistor and a
capacitor between this pin and
ground.
23
PWMIN
External PWM input.
When the input is low, the out
put will be in the drive state
and when the input is high or
open, the output will be off.
Continued on next page.
VCC
200
Ω
19
PWM
VCC
300
Ω
20
24
VCC
CSD
24
21
VCC
300
Ω
VCC
CSET
VCC
300
Ω
22
PWMRE
VCC
3.5k
Ω
23
PWMIN


Podobny numer części - LB11600JV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV Datasheet
343Kb / 30P
   Brushless Motor Predriver IC
logo
ON Semiconductor
LB11600JV ONSEMI-LB11600JV Datasheet
339Kb / 30P
   Brushless Motor Predriver IC
May, 2013
More results

Podobny opis - LB11600JV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1823 SANYO-LB1823 Datasheet
118Kb / 11P
   Power Brushless Motor Predriver IC for OA Applications
LB1823M SANYO-LB1823M Datasheet
119Kb / 11P
   Power Brushless Motor Predriver IC for OA Applications
LB11600JV SANYO-LB11600JV Datasheet
343Kb / 30P
   Brushless Motor Predriver IC
logo
ON Semiconductor
LB11600JV ONSEMI-LB11600JV Datasheet
339Kb / 30P
   Brushless Motor Predriver IC
May, 2013
logo
STMicroelectronics
L8150 STMICROELECTRONICS-L8150 Datasheet
732Kb / 37P
   Brushless motor predriver
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V_V01 Datasheet
578Kb / 19P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
logo
Sanyo Semicon Device
LB11696V SANYO-LB11696V Datasheet
394Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V Datasheet
526Kb / 17P
   Direct PWM Drive Brushless Motor Predriver IC
March 2015 - Rev. 1
logo
Sanyo Semicon Device
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11697V ONSEMI-LB11697V Datasheet
179Kb / 14P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com