Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11867FV Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części LB11867FV
Szczegółowy opis  For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11867FV Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  LB11867FV_11 Datasheet HTML 1Page - Sanyo Semicon Device LB11867FV_11 Datasheet HTML 2Page - Sanyo Semicon Device LB11867FV_11 Datasheet HTML 3Page - Sanyo Semicon Device LB11867FV_11 Datasheet HTML 4Page - Sanyo Semicon Device LB11867FV_11 Datasheet HTML 5Page - Sanyo Semicon Device LB11867FV_11 Datasheet HTML 6Page - Sanyo Semicon Device LB11867FV_11 Datasheet HTML 7Page - Sanyo Semicon Device LB11867FV_11 Datasheet HTML 8Page - Sanyo Semicon Device LB11867FV_11 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LB11867FV
No.A0195-2/9
Specifications
Absolute Maximum Ratings
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC pin maximum supply voltage
VCC max
18
V
OUTN pin maximum output
current
IOUTN max
20
mA
OUTP pin maximum Sink current
IOUTP max
20
mA
OUT pin output withstand voltage
VOUT max
18
V
VTH, RMI pins withstand voltage
VVTH, VRMI max
7V
S-S pin withstand voltage
VS-S max
7V
FG output pin withstand voltage
VFG max
19
V
FG pin maximum output current
IFG max
10
mA
5VREG pin maximum output
current
I5VREG max
20
mA
Allowable power dissipation
Pd max
with specified substrate *1
800
mW
Operating temperature
Topr
*2
-30 to 95
°C
Storage temperature
Tstg
-55 to 150
°C
*1 Specified substrate: 114.3mm
×76.1mm×1.6mm, glass epoxy board.
*2 Tj max=150°C must not be exceeded.
Recommended Operating Conditions
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC Supply voltage
VCC
5.5 to 16
V
VTH, RMI input voltage range
VTH, RMI
0 to 5
V
Hall input common-phase input
voltage range
VICM
0.2 to 3
V
Electrical Characteristics
at Ta
= 25°C, VCC = 12V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
ICC1
During drive
5.5
7.5
9.5
mA
Circuit current
ICC2
During lock protection
5.5
7.5
9.5
mA
5VREG voltage
5VREG
I5VREG = 5mA
4.80
4.95
5.10
V
Current limiting voltage
VLIM
185
200
215
mV
CPWM pin “H” level voltage
VCPWMH
2.8
3.0
3.2
V
CPWM pin “L” level voltage
VCPWML
0.9
1.1
1.3
V
CPWM pin charge current
ICPWM1
VCPWM = 0.5V
24
30
36
μA
CPWM pin discharge current
ICPWM2
VCPWM = 3.5V
21
27
33
μA
CPWM Oscillation frequency
FPWM
C = 220PF
30
kHz
CT pin “H” level voltage
VCTH
2.8
3.0
3.2
V
CT pin “L” level voltage
VCTL
0.9
1.1
1.3
V
CT pin charge current
ICT1
VCT = 0.5V
1.6
2.0
2.5
μA
CT pin discharge current
ICT2
VCT = 3.5V
0.16
0.20
0.25
μA
CT pin charge/discharge ratio
RCT
ICT1/ICT2
8
10
12
times
S-S pin discharge current
IS-S
VS-S = 1V
0.4
0.5
0.6
μA
OUTN output H-level voltage
VONH
IO = 10mA
VCC-0.85
VCC-1.00
V
OUTN output L-level voltage
VONL
IO = 10mA
0.9
1.00
V
OUTP output L-level voltage
VOPL
IO = 10mA
0.5
0.65
V
Hall input sensitivity
VHN
IN+, IN- differential voltage
(including offset and hysteresis)
±10
±20
mV
FG output L-level voltage
VFGL
IFG = 5mA
0.15
0.30
V
FG pin leakage current
IFGL
VFG = 19V
20
μA
VTH/RMI pin bias current
IVTH/IRMI
CPWM = VTH/RMI = 2V
0.1
μA


Podobny numer części - LB11867FV_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LB11867FV ONSEMI-LB11867FV_18 Datasheet
263Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
More results

Podobny opis - LB11867FV_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11967V SANYO-LB11967V Datasheet
158Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
logo
Unisonic Technologies
F2967 UTC-F2967_15 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV_11 Datasheet
370Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
logo
ON Semiconductor
LB11967V-TLM-E ONSEMI-LB11967V-TLM-E Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Unisonic Technologies
F2967 UTC-F2967_18 Datasheet
199Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com