Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11920 Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LB11920
Szczegółowy opis  For OA Products Three-Phase Brushless Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11920 Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LB11920_08 Datasheet HTML 1Page - Sanyo Semicon Device LB11920_08 Datasheet HTML 2Page - Sanyo Semicon Device LB11920_08 Datasheet HTML 3Page - Sanyo Semicon Device LB11920_08 Datasheet HTML 4Page - Sanyo Semicon Device LB11920_08 Datasheet HTML 5Page - Sanyo Semicon Device LB11920_08 Datasheet HTML 6Page - Sanyo Semicon Device LB11920_08 Datasheet HTML 7Page - Sanyo Semicon Device LB11920_08 Datasheet HTML 8Page - Sanyo Semicon Device LB11920_08 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
82008 MS PC/O3003SI (OT) No.7229-1/10
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
LB11920
Overview
The LB11920 is a direct PWM drive motor driver IC for 3-phase power brushless motors. The PWM duty can be
controlled by IC inputs, and it can be used over the wide supply voltage range of 9.5 to 30V.
Features
• Three-phase bipolar drive (35V, 3.5V)
• Direct PWM drive
• Built-in high and low side kickback absorbing diodes
• Braking function (short-circuit braking)
• Built-in forward/reverse direction switching circuit
• Full complement of built-in protection circuits, including current limiter, low-voltage protection, motor lock (physical
constraint) protection, and thermal protection circuits
• The PWM duty can be controlled by IC inputs
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage 1
VM max
35
V
Supply voltage 2
VCC max
7V
Output voltage
VOUT max
OUT1 to OUT3
35
V
Output current
IO max
T
≤ 500ms
3.5
A
Pd max1
Independent IC
3
W
Allowable power dissipation
Pd max2
With an infinitely large heat sink.
20
W
Operating temperature
Topr
-20 to +80
°C
Storage temperature
Tstg
-55 to +150
°C
Monolithic Digital IC
For OA Products
Three-Phase Brushless Motor Driver
Ordering number : EN7229B


Podobny numer części - LB11920_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LB11920-E ONSEMI-LB11920-E Datasheet
117Kb / 10P
   Three-Phase Brushless Motor Driver
May, 2013
More results

Podobny opis - LB11920_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1929 SANYO-LB1929 Datasheet
104Kb / 12P
   Three-Phase Brushless Motor Driver for OA Products
LB11922 SANYO-LB11922_08 Datasheet
185Kb / 15P
   For OA Products Three-Phase Brushless Motor Driver
LB11826 SANYO-LB11826_08 Datasheet
135Kb / 11P
   For OA Products Three-Phase Brushless Motor Driver
LB11822 SANYO-LB11822 Datasheet
151Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB11827 SANYO-LB11827 Datasheet
144Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB1921 SANYO-LB1921 Datasheet
138Kb / 10P
   Three-Phase Brushless Motor Driver for OA Applications
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com