Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC87F6D64A Arkusz danych(PDF) 5 Page - Sanyo Semicon Device

Numer części LC87F6D64A
Szczegółowy opis  FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F6D64A Arkusz danych(HTML) 5 Page - Sanyo Semicon Device

  LC87F6D64A Datasheet HTML 1Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 2Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 3Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 4Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 5Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 6Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 7Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 8Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LC87F6D64A
No.A1007-5/19
Package Dimensions
unit : mm (typ)
3255
Pin Assignment
SANYO: QFP80(14
×14) “Lead-free Type”
SANYO : QFP80(14X14)
14.0
17.2
0.15
0.25
0.65
(0.83)
1
20
21
40
41
60
80
61
S17
S16
VDD2
VP1
S15/T15
S14/T14
S13/T13
S12/T12
S11/T11
S10/T10
S9/T9
S8/T8
S7/T7
S6/T6
S5/T5
S4/T4
S3/T3
S2/T2
S1/T1
S0/T0
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
S38
S39
VDD3
S40
S41
S42
S43
S44
S45
S46
S47
S48
S49
S50
S51
S52
S53
P10/SO0
P11/SI0/SB0
P12/SCK0
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
Top view
LC87F6D64A


Podobny numer części - LC87F6D64A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC87F66C8A SANYO-LC87F66C8A Datasheet
768Kb / 23P
   8-Bit Single Chip Microcontroller with 64 KB FEPROM and 2048-Byte RAM On Chip?
LC87F67C8A SANYO-LC87F67C8A Datasheet
553Kb / 26P
   CMOS LSI FROM 128KBITE RAM 4096 BYTE
LC87F69C8A SANYO-LC87F69C8A Datasheet
393Kb / 28P
   8 BIT 1 CHIP MICROCONTROLLER
logo
ON Semiconductor
LC87F6AC8A ONSEMI-LC87F6AC8A Datasheet
408Kb / 34P
   CMOS LSI 8-bit Withstand Voltage Microcontroller 128K-byte Flash ROM / 4096-byte RAM / 100pin
April, 2014 Ver. 1.70a
LC87F6AC8ALU-EJ-H ONSEMI-LC87F6AC8ALU-EJ-H Datasheet
408Kb / 34P
   CMOS LSI 8-bit Withstand Voltage Microcontroller 128K-byte Flash ROM / 4096-byte RAM / 100pin
April, 2014 Ver. 1.70a
More results

Podobny opis - LC87F6D64A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864C SANYO-LC87F5864C Datasheet
158Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5N62B SANYO-LC87F5N62B Datasheet
176Kb / 25P
   CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F2932A SANYO-LC87F2932A Datasheet
203Kb / 29P
   CMOS IC FROM 32K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5M64A SANYO-LC87F5M64A Datasheet
171Kb / 22P
   CMOS IC FROM FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
LC87F7H32A SANYO-LC87F7H32A Datasheet
180Kb / 28P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F7932B SANYO-LC87F7932B Datasheet
196Kb / 29P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com