Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC87F7DJ2B Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LC87F7DJ2B
Szczegółowy opis  FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F7DJ2B Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LC87F7DJ2B Datasheet HTML 1Page - Sanyo Semicon Device LC87F7DJ2B Datasheet HTML 2Page - Sanyo Semicon Device LC87F7DJ2B Datasheet HTML 3Page - Sanyo Semicon Device LC87F7DJ2B Datasheet HTML 4Page - Sanyo Semicon Device LC87F7DJ2B Datasheet HTML 5Page - Sanyo Semicon Device LC87F7DJ2B Datasheet HTML 6Page - Sanyo Semicon Device LC87F7DJ2B Datasheet HTML 7Page - Sanyo Semicon Device LC87F7DJ2B Datasheet HTML 8Page - Sanyo Semicon Device LC87F7DJ2B Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
20310HKIM 20100118-S00001 No.A1636-1/26
Ver.0.07
LC87F7DJ2B
Overview
The SANYO LC87F7DJ2B is an 8-bit microcomputer that, centered around a CPU running at a minimum bus cycle time
of 83.3ns, integrates on a single chip a number of hardware features such as 192K-byte flash ROM (onboard
programmable), 8K-byte RAM, an on-chip debugger, an LCD controller/driver, sophisticated 16-bit timer/counter (may
be divided into 8-bit timers), a 16-bit timer/counter (may be divided into 8-bit timers/counters or 8-bit PWMs), four 8-bit
timers with a prescaler, 16-bit timer with a prescaler (may be divided into 8-bit timers), a base timer serving as a time-of-
day clock, a day and time counter, a synchronous SIO interface (with automatic block transmission/reception
capabilities), an asynchronous/synchronous SIO interface, two UART interface (full duplex), a 12-bit 15-channel AD
converter, two 12-bit PWM channels, a high-speed clock counter, a system clock frequency divider, a small signal
detector, two infrared remote controller receiver function, and a 31-source 10-vector interrupt feature.
Features
Flash ROM
• Capable of on-board-programming with a wide range of souce voltages: 3.0 to 5.5V
• Block-erasable in 2-byte units
• 196608 × 8 bits
RAM
• 8192 × 9 bits
Minimum Bus Cycle Time
• 66.6ns (15MHz)
VDD=3.0 to 5.5V
• 125ns (8MHz)
VDD=2.5 to 5.5V
• 250ns (4MHz)
VDD=2.2 to 5.5V
Note: The bus cycle time here refers to the ROM read speed.
Ordering number : ENA1636A
CMOS IC
FROM 192K byte, RAM 8K byte on-chip
8-bit 1-chip Microcontroller
* This product is licensed from Silicon Storage Technology, Inc. (USA), and manufactured and sold by
SANYO Semiconductor Co., Ltd.
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Podobny numer części - LC87F7DJ2B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC87F7DJ2B SANYO-LC87F7DJ2B Datasheet
172Kb / 26P
   8-bit 1-chip Microcontroller
More results

Podobny opis - LC87F7DJ2B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
LC88F85D0A SANYO-LC88F85D0A Datasheet
264Kb / 31P
   FROM 256K byte, RAM 8K byte on-chip 16-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A Datasheet
140Kb / 21P
   CMOS IC FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com