Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC87F40C8A Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części LC87F40C8A
Szczegółowy opis  Internal 128K-byte FROM (ROM/CGROM), 2048 byte RAM, 1024-byte CGRAM, and 704횞10-bit CRT Display RAM 8-bit 1-chip Microcontroller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F40C8A Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  LC87F40C8A Datasheet HTML 1Page - Sanyo Semicon Device LC87F40C8A Datasheet HTML 2Page - Sanyo Semicon Device LC87F40C8A Datasheet HTML 3Page - Sanyo Semicon Device LC87F40C8A Datasheet HTML 4Page - Sanyo Semicon Device LC87F40C8A Datasheet HTML 5Page - Sanyo Semicon Device LC87F40C8A Datasheet HTML 6Page - Sanyo Semicon Device LC87F40C8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F40C8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F40C8A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LC87F40C8A
No.A0139-2/26
Minimum Bus Cycle Time
• 71 ns (14.1MHz)
Note: The bus cycle time here refers to the ROM read speed.
Minimum Instruction Cycle Time
• 212 ns (14.1MHz)
OSD
• Screen size
: 36 characters
× 16 lines
• Display RAM size
: 704 words (1 word=10 bits)
Display area : 36 words
× 16 lines
Control area : 8 words
× 16 lines
• Font types
: 16
× 32 font, 512 types (16 CGRAM fonts, including 4 fixed fonts)
An arbitrary number of characters can be generated as 16
× 17 or 8 × 9 font characters.
• Display colors
: 4096 colors
Character text, background, borders, and full background can be displayed.
• Display mode specifiable on a line basis.
Normal, 4-color pixel map, 16-color pixel map, and caption text modes
• Vertical display start line and horizontal display start position specifiable on a line basis.
• Shutter function (specifying the display start or stop line) and scroll functions specifiable on a line basis.
• Horizontal character spacing (9 to 16 dots)*1 and vertical character spacing (1 to 32 dots) specifiable on a line basis.
• Character size selectable from 16 character sizes on a line basis*1.
(Horizontal
×Vertical) = (1×1), (1×2), (2×1), (2×2), (2×4)
(4
×2), (4×4), (4×8), (1.5×1), (1.5×2)
(3
×1), (3×2), (3×4), (6×2), (6×4), (6×8)
• Cursor display function (4/16 pixel colors)
• Multilayer display
• Full screen display area specifiable.
• OSD clock selectable (normal speed mode/high speed mode/external input)
• Interlace/progressive scan selectable
*1: The supported range varies depending on the active display mode. Refer to the user's guide for details.
Data Slicer Function (closed caption format)
• Extracts closed caption data and XDS data.
• NTSC/PAL selectable and line specifiable.
Ports
• Normal withstand voltage I/O ports
Ports whose I/O direction can be designated in 1-bit units 41 (P1n, P2n, P3n, P70 to P73, P8n, PC0 to PC4)
Ports whose I/O direction can be designated in 4-bit units
8 (P0n)
Timers
• Timer 0: 16-bit timer/counter with a capture register.
Mode 0: 8-bit timer with an 8-bit programmable prescaler (with an 8-bit capture register)
× 2 channels
Mode 1: 8-bit timer with an 8-bit programmable prescaler (with an 8-bit capture register) + 8-bit
counter (with an 8-bit capture register)
Mode 2: 16-bit timer with an 8-bit programmable prescaler (with a 16-bit capture register)
Mode 3: 16-bit counter (with a 16-bit capture register)
• Timer 1: 16-bit timer/counter that supports PWM/toggle outputs
Mode 0: 8-bit timer with an 8-bit prescaler + with an 8-bit prescaler 8-bit timer/counter
Mode 1: 6-bit timer/counter with an 8-bit prescaler
• Timer 4: 8-bit timer with a 6-bit prescaler
• Timer 5: 8-bit timer with a 6-bit prescaler
• Base timer
1) The clock is selectable from the subclock (32.768kHz crystal oscillation), system clock, and timer 0 prescaler
output.
2) Interrupts programmable in 5 different time schemes


Podobny numer części - LC87F40C8A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808 ONSEMI-LC87F0808 Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Podobny opis - LC87F40C8A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC87F5932A SANYO-LC87F5932A_08 Datasheet
199Kb / 27P
   Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC87F7H32A SANYO-LC87F7H32A Datasheet
180Kb / 28P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F5932A SANYO-LC87F5932A Datasheet
183Kb / 25P
   CMOS IC Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC87F7932B SANYO-LC87F7932B Datasheet
196Kb / 29P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F6D64A SANYO-LC87F6D64A Datasheet
144Kb / 19P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864C SANYO-LC87F5864C Datasheet
158Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com