Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC87F83C8A Arkusz danych(PDF) 10 Page - Sanyo Semicon Device

Numer części LC87F83C8A
Szczegółowy opis  FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F83C8A Arkusz danych(HTML) 10 Page - Sanyo Semicon Device

Back Button LC87F83C8A Datasheet HTML 6Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 9Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 10Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 11Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 12Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 13Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
LC87F83C8A/C8AU/96A/96AU/64A/64AU
No.A1780-10/31
Serial I/O Characteristics
at Ta = -40
°C to +85°C, VSS1 = VSS2 = VSS4 = AVSS = 0V
1. SIO0 Serial I/O Characteristics (Note 4-1-1)
Specification
Parameter
Symbol
Pins/
Remarks
Conditions
VDD[V]
min
typ
max
unit
Frequency
tSCK(1)
2
Low level
pulse width
tSCKL(1)
1
tSCKH(1)
• See Fig. 2.
1
tSCKHA(1a)
• Continuous data
transmission/reception mode
• SIO2 is not in use simultaneous.
• See Fig. 2.
• (Note 4-1-2)
4
High level
pulse width
tSCKHA(1b)
SCK0(P12)
• Continuous data
transmission/reception mode
• SIO2 is in use simultaneous.
• See Fig. 2.
• (Note 4-1-2)
3.0 to 5.5
6
Frequency
tSCK(2)
4/3
tCYC
Low level
pulse width
tSCKL(2)
1/2
tSCKH(2)
• CMOS output selected.
• See Fig. 2.
1/2
tSCK
tSCKHA(2a)
• Continuous data
transmission/reception mode
• SIO2 is not in use simultaneous.
• CMOS output selected.
• See Fig. 2.
tSCKH(2)
+2tCYC
tSCKH(2)
+(10/3)tCYC
High level
pulse width
tSCKHA(2b)
SCK0(P12)
• Continuous data
transmission/reception mode
• SIO2 is in use simultaneous.
• CMOS output selected.
• See Fig. 2.
3.0 to 5.5
tSCKH(2)
+2tCYC
tSCKH(2)
+(16/3)tCYC
tCYC
Data setup time
tsDI(1)
0.03
Data hold time
thDI(1)
SI0(P11),
SB0(P11)
• Must be specified with respect to
rising edge of SIOCLK
• See fig. 2.
3.0 to 5.5
0.03
tdD0(1)
• Continuous data
transmission/reception mode
• (Note 4-1-3)
(1/3)tCYC
+0.05
tdD0(2)
• Synchronous 8-bit mode.
• (Note 4-1-3)
1tCYC
+0.05
Output
delay time
tdD0(3)
SI0(P11),
SB0(P11)
• (Note 4-1-3)
3.0 to 5.5
(1/3)tCYC
+0.05
μs
Note 4-1-1: These specifications are theoretical values. Add margin depending on its use.
Note 4-1-2: To use serial-clock-input in continuous trans/rec mode, a time from SI0RUN being set when serial clock is
"H" to the first negative edge of the serial clock must be longer than tSCKHA.
Note 4-1-3: Must be specified with respect to falling edge of SIOCLK. Must be specified as the time to the beginning of
output state change in open drain output mode. See Fig. 2.


Podobny numer części - LC87F83C8A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808 ONSEMI-LC87F0808 Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Podobny opis - LC87F83C8A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F5LA4ACS SANYO-LC88F5LA4ACS Datasheet
227Kb / 33P
   FROM 96K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com