Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC87F2832A Arkusz danych(PDF) 8 Page - Sanyo Semicon Device

Numer części LC87F2832A
Szczegółowy opis  FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F2832A Arkusz danych(HTML) 8 Page - Sanyo Semicon Device

Back Button LC87F2832A Datasheet HTML 4Page - Sanyo Semicon Device LC87F2832A Datasheet HTML 5Page - Sanyo Semicon Device LC87F2832A Datasheet HTML 6Page - Sanyo Semicon Device LC87F2832A Datasheet HTML 7Page - Sanyo Semicon Device LC87F2832A Datasheet HTML 8Page - Sanyo Semicon Device LC87F2832A Datasheet HTML 9Page - Sanyo Semicon Device LC87F2832A Datasheet HTML 10Page - Sanyo Semicon Device LC87F2832A Datasheet HTML 11Page - Sanyo Semicon Device LC87F2832A Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
LC87F2832A
No.A0478-8/27
Pin
No.
Pin Name
Pin
No.
Pin Name
Pin
No.
Pin Name
Pin
No.
Pin Name
1
P12/SCK0
18
P06/T6O
35
PB1
52
P70/INT0/T0LCP/AN8
2
P13/SO1
19
P07/T7O
36
PB0
53
P71/INT1/T0HCP/AN9
3
P14/SI1/SB1
20
P20/UTX/INT4/T1IN
37
VSS3
54
P72/INT2/T0IN
4
P15/SCK1
21
P21/URX/INT4/T1IN
38
VDD3
55
P73/INT3/T0IN
5
P16/T1PWML
22
P22/INT4/T1IN
39
PC7
56
RES
6
P17/T1PWMH/BUZ
23
P23/INT4/T1IN
40
PC6
57
XT1/AN10
7
PWM2
24
P24/INT5/T1IN
41
PC5
58
XT2/AN11
8
PWM3
25
P25/INT5/T1IN
42
PC4
59
VSS1
9
VDD2
26
P26/INT5/T1IN/INT6/TOLCP1
43
PC3
60
CF1
10
VSS2
27
P27/INT5/T1IN/INT7/T0HCP1
44
PC2
61
CF2
11
P00
28
PB7
45
PC1
62
VDD1
12
P01
29
PB6
46
PC0
63
P80/AN0
13
P02
30
PB5
47
P86/AN6
64
P81/AN1
14
P03
31
PB4
48
P85/AN5
65
P82/AN2
15
P04
32
PB3
49
P84/AN4
66
P10/SO0
16
P05/CKO
33
PB2
50
P83/AN3
67
P11/SI0/SB0
17
P30
34
P31
51
P32
68
P33
NOTE: A1, A11, L1, L11 are dummy terminals for the package.
These terminals need to be bonded with foot pattern for the secure bonding of the package.
SANYO: FLGA68K(6.0
× 6.0) “Lead-/Halogen-free type”
Top view
11
10
9
8
7
6
5
4
3
2
1
51
50
53
55
57
59
61
63
65
67
1
52
54
56
58
60
62
64
66
68
49
48
2
3
47
46
4
5
45
44
6
7
43
42
8
9
41
40
10
11
39
38
12
13
37
36
14
15
35
33
31
29
27
25
23
21
19
16
17
34
32
30
28
26
24
22
20
18
A
B
C
D
E
F
G
H
J
K
L
LC87F2832A


Podobny numer części - LC87F2832A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC87F2832A SANYO-LC87F2832A Datasheet
180Kb / 27P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results

Podobny opis - LC87F2832A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A Datasheet
180Kb / 27P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7032A SANYO-LC87F7032A Datasheet
136Kb / 21P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5932A SANYO-LC87F5932A_08 Datasheet
199Kb / 27P
   Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC87F5932A SANYO-LC87F5932A Datasheet
183Kb / 25P
   CMOS IC Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC87F2932A SANYO-LC87F2932A Datasheet
203Kb / 29P
   CMOS IC FROM 32K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC875G32A SANYO-LC875G32A Datasheet
149Kb / 23P
   ROM 32K/24K/16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7H32A SANYO-LC87F7H32A Datasheet
180Kb / 28P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com