Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC88F85D0A Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części LC88F85D0A
Szczegółowy opis  FROM 256K byte, RAM 8K byte on-chip 16-bit 1-chip Microcontroller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC88F85D0A Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  LC88F85D0A Datasheet HTML 1Page - Sanyo Semicon Device LC88F85D0A Datasheet HTML 2Page - Sanyo Semicon Device LC88F85D0A Datasheet HTML 3Page - Sanyo Semicon Device LC88F85D0A Datasheet HTML 4Page - Sanyo Semicon Device LC88F85D0A Datasheet HTML 5Page - Sanyo Semicon Device LC88F85D0A Datasheet HTML 6Page - Sanyo Semicon Device LC88F85D0A Datasheet HTML 7Page - Sanyo Semicon Device LC88F85D0A Datasheet HTML 8Page - Sanyo Semicon Device LC88F85D0A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
LC88F85D0A
No.A1954-3/31
Serial interfaces
• SIO0: 8-bit synchronous SIO
<1> LSB first/MSB first selectable
<2> Supports communication of less than 8 bits (1 to 8 bits specifiable).
<3> Built-in 8-bit baudrate generator (transfer clock cycles of 4 tCYC to 512 tCYC)
<4> Automatic continuous data transfer (9 to 32768 bits specifiable in 1-bit units)
<5> Interval function (interval time specifiable in 0 to 64 tSCK units)
<6> Wakeup function
• SMIIC0: Single-master I
2C/8-bit synchronous SIO
Mode 0: Single-master master mode communication
Mode 1: 8-bit synchronous serial I/O (MSB first)
• UART0
<1> Data length: 8 bits (LSB first)
<2> Start bits: 1 bit
<3> Stop bits: 1 bit
<4> Parity bits: None/even parity/odd parity
<5> Transfer rate: 4/8 tCYC
<6> Baudrate clock source: The P07 input signal is used as a 1 cycle signal (T0PWMH can be used as the clock
source) or a timer 4 period.
<7> Full duplex communication
• UART2
<1> Data length: 8 bits (LSB first)
<2> Start bits: 1 bit
<3> Stop bits: 1/2 bit
<4> Parity bit: None/even parity/odd parity
<5> Transfer rate: 8 to 4096 tCYC
<6> Baudrate clock source: System clock/OSC0/OSC1/P21 input signal
<7> Wakeup function
<8> Full duplex communication
AD converter
<1> 8/12-bit resolution selectable
<2> Analog inputs: 12 channels
<3> Comparator mode
<4> Automatic reference voltage generation
Watchdog timer
<1> Runs on the base timer + internal watchdog timer dedicated counter.
<2> Interrupt or reset signals selectable
Infrared remote control receiver
<1> Noise rejection function
(Noise filter time constant: Approx. 120
μs when the 32.768kHz crystal oscillator is selected as the reference
clock source)
<2> Supports PPM (Pulse Position Modulation), Manchester and other encoding systems.
<3> HOLDX mode release function
Interrupts (peripheral function)
Either "Normal" or "LC888300 Compatible" mode is selectable by user option.
* Note: The "LC888300 Compatible" mode is an option that is available to provide compatibility between this model
and the LC888300. It is to be unavailable in future developed models.
<1> Provides three levels of multiplex interrupt control. Any interrupt request of the level equal to or lower than the
current interrupt is not accepted.
<2> When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the highest level
takes precedence over the other interrupts. For interrupts of the same level, the interrupt into the smallest vector
address takes precedence.


Podobny numer części - LC88F85D0A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC88F85D0A ONSEMI-LC88F85D0A Datasheet
307Kb / 31P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.10
More results

Podobny opis - LC88F85D0A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC88F5LA4ACS SANYO-LC88F5LA4ACS Datasheet
227Kb / 33P
   FROM 96K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A Datasheet
140Kb / 21P
   CMOS IC FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC87F5LP6A SANYO-LC87F5LP6A Datasheet
176Kb / 28P
   CMOS IC FROM 256K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com